Electronic Components Datasheet Search
  English  ▼

X  

111P Datasheet(PDF) 1 Page - Littelfuse

Part # 111P
Description  Single-Phase Pump Monitor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

111P Datasheet(HTML) 1 Page - Littelfuse

  111P Datasheet HTML 1Page - Littelfuse 111P Datasheet HTML 2Page - Littelfuse 111P Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
Littelfuse.com/111P
©2022 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 09/27/2022
Motor and Pump Protection Relays
111p Series
Description
The Littelfuse models 111P (115 volt, 1⁄3 to 1hp); 233P-1.5 (230 volt, 1⁄3 to 1.5hp); and 233P (230 volt, 1⁄3 to 3hp) are single-
phase pump monitors used in a variety of applications to protect from dry-well, dead-head, jammed impeller, rapid-cycling,
overvoltage, and undervoltage conditions.
Operation
A calibration adjustment allows the unit to be calibrated to your specific pumping applications, which reduces the possibility
of false or nuisance tripping. A unique microcontroller-based voltage and current-sensing circuit constantly monitor the
incoming power for fluctuations, overcurrent, and undercurrent conditions. When an abnormality, such as loss of suction,
is detected, the product deactivates its output relay and directly disconnects the pump motor. The relay then begins its
user-selectable restart delay (dry-well recovery) timer. When the timer counts to zero or power is removed and reapplied,
the relay reactivates its output relay and turns the pump back on. The infrared LED communicates with a hand-held
diagnostics tool called the Informer* (sold separately). The Informer displays parameters including calibration points,
trip points, run time and last faults.
There are special considerations for pump cables larger than #10 AWG: In some cases where larger motors are installed
with deep-set pumps, pump cables are used that exceed the relay’s terminal size. In these conditions, a short splice of
#10 AWG or #12 AWG may be a solution at the control box. Note: All local, state, and national electric codes should be
followed when applying this solution.
Note: The description and operations apply to Littelfuse models 111P (115 V, 1⁄3 to 1 hp); 233P-1.5 (230 V, 1⁄3 to 1.5 hp); and 233P (230 V, 1⁄3 to 3 hp). These models have a sensitivity
adjustment for the dry-well trip point. After calibration is complete, you can adjust the sensitivity for the dry-well/dead-head trip point from 70-90 % of the full load. This makes the unit
even more adaptable to varying pumping applications. If you have a very low producing well, you increase the sensitivity closer to the 90 % mark, or if you have a very heavy producing
well, you should decrease the sensitivity around the 70 % mark.
*Informer: A hand-held diagnostic tool that uses an infrared receiver to access information that can be helpful for troubleshooting the system.
Features & Benefits
FEATURES
BENEFITS
Proprietary microcontroller-based circuitry
Constant monitoring of voltage, power factor, and current for reliable
pump protection
Onboard calibration process
Calibrates unit to your specific individual pumping application and
reduces nuisance tripping
Onboard sensitivity adjustment
User-adjustable sensitivity knob makes the unit more adaptable to
varying pumping applications
Single-Phase Pump Monitor


Similar Part No. - 111P

ManufacturerPart #DatasheetDescription
logo
Copyright Pickering Ele...
111P-1-A PICKERING-111P-1-A Datasheet
774Kb / 6P
Single-in-Line SIL/SIP Reed Relays
ISSUE 1.4 MAY 2024
111P-1-A PICKERING-111P-1-A Datasheet
847Kb / 7P
Pico SIL/SIP Reed Relays
ISSUE 1.2 JAN 2022
111P-1-A-3/1D PICKERING-111P-1-A-3/1D Datasheet
847Kb / 7P
Pico SIL/SIP Reed Relays
ISSUE 1.2 JAN 2022
111P-1-A-5/1D PICKERING-111P-1-A-5/1D Datasheet
847Kb / 7P
Pico SIL/SIP Reed Relays
ISSUE 1.2 JAN 2022
logo
Switchcraft, Inc.
111PC SWITCH-111PC Datasheet
94Kb / 5P
1/4 ENCLOSED PHONE JACKS
More results

Similar Description - 111P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
111-INSIDER-P LITTELFUSE-111-INSIDER-P Datasheet
355Kb / 4P
Single-Phase Pump Monitor
Revised: 10/31/2022
201-XXX-SP-DPDT LITTELFUSE-201-XXX-SP-DPDT Datasheet
351Kb / 2P
Single-phase voltage/phase monitor
2016 Rev: 1-A-062716
201-XXX-SP LITTELFUSE-201-XXX-SP Datasheet
278Kb / 2P
Single-phase voltage/phase monitor
2020 Rev: 1-A-062716
202-200-SP LITTELFUSE-202-200-SP Datasheet
191Kb / 2P
Single-phase voltage monitor
2016 Rev: 1-A-062716
231-INSIDER-P LITTELFUSE-231-INSIDER-P Datasheet
375Kb / 4P
Single-Phase Pump Monitor
2022 Littelfuse, Inc.
232-INSIDER LITTELFUSE-232-INSIDER Datasheet
289Kb / 2P
Single-Phase Pump Monitor
2019 Rev: 2-C-042619
233P LITTELFUSE-233P Datasheet
470Kb / 4P
Single-Phase Pump Monitor
2022 Littelfuse, Inc
234-P LITTELFUSE-234-P Datasheet
223Kb / 3P
Single-Phase Pump Monitor
2022 Littelfuse, Inc.
235P LITTELFUSE-235P Datasheet
477Kb / 3P
Single-Phase Pump Monitor
2022 Littelfuse, Inc.
50R LITTELFUSE-50R Datasheet
192Kb / 2P
Single-phase voltage monitor
2019 Rev: 2-B-050719
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com