Electronic Components Datasheet Search
  English  ▼

X  

STU1255PL Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STU1255PL
Description  P-Channel E nhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU1255PL Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STU1255PL Datasheet HTML 1Page - SamHop Microelectronics Corp. STU1255PL Datasheet HTML 2Page - SamHop Microelectronics Corp. STU1255PL Datasheet HTML 3Page - SamHop Microelectronics Corp. STU1255PL Datasheet HTML 4Page - SamHop Microelectronics Corp. STU1255PL Datasheet HTML 5Page - SamHop Microelectronics Corp. STU1255PL Datasheet HTML 6Page - SamHop Microelectronics Corp. STU1255PL Datasheet HTML 7Page - SamHop Microelectronics Corp. STU1255PL Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Arp,20 2005 ver1.1
S amHop Microelectronics C orp.
P R ODUC T S UMMAR Y
V DS S
ID
R DS (ON) ( m W ) Max
-12A
110 @ V GS = -10V
145 @ V GS = -4.5V
F E AT UR E S
-55V
TO-252 and TO-251 Package.
S uper high dense cell design for low R DS(ON).
R ugged and reliable.
S TU S E R IE S
TO-252AA(D-PAK)
S TD S E R IE S
TO-251(l-PAK)
G
G
S
S
D
D
S
G
D
S T U/D1255P L
P-Channel E nhancement Mode Field E ffect Transistor
Parameter
S ymbol
Unit
Drain-S ource Voltage
VDS
V
Gate-S ource Voltage
VGS
V
Drain Current-Continuous @ Ta
-Pulsed
ID
50
A
A
A
W
IDM
Drain-S ource Diode Forward Current
IS
Maximum Power Dissipation
PD
Operating Junction and S torage
Temperature R ange
TJ, TS TG
-55 to 175
C
a
a
a
b
-55
-15
20
-12
-23
25 C
70 C
Ta= 25 C
Ta=70 C
35
-10
A
Limit
THE R MAL CHAR ACTE R IS TICS
Thermal R esistance, Junction-to-Case
Thermal R esistance, Junction-to-Ambient
R JC
3
50
R JA
/W
C
/W
C
AB S OLUTE MAXIMUM R ATINGS
(TA=25 C unles s otherwis e noted)
1
Drain-S ource Voltage R ating
60
Vspike
d
V


Similar Part No. - STU1255PL

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STU1224N SAMHOP-STU1224N Datasheet
939Kb / 8P
N-Channel Enhancement Mode Field Effect Transistor
STU12L01 SAMHOP-STU12L01 Datasheet
171Kb / 7P
Super high dense cell design for low RDS(ON).
logo
STMicroelectronics
STU12N60M2 STMICROELECTRONICS-STU12N60M2 Datasheet
383Kb / 12P
Extremely low gate charge
May 2015 Rev 1
STU12N65M5 STMICROELECTRONICS-STU12N65M5 Datasheet
1Mb / 23P
N-channel 650 V, 0.39 Ohm, 8.5 A MDmesh V Power MOSFET DPAK, I2PAK, TO-220FP, TO-220, IPAK
22-Jun-2011
logo
Inchange Semiconductor ...
STU12N65M5 ISC-STU12N65M5 Datasheet
316Kb / 2P
isc N-Channel Mosfet Transistor
More results

Similar Description - STU1255PL

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STC2201 SAMHOP-STC2201 Datasheet
722Kb / 7P
P-Channel E nhancement Mode Field Effect Transistor
STM4433A SAMHOP-STM4433A Datasheet
659Kb / 7P
P-Channel E nhancement Mode Field Effect Transistor
STM4439A SAMHOP-STM4439A Datasheet
655Kb / 7P
P-Channel E nhancement Mode Field Effect Transistor
STM4639 SAMHOP-STM4639 Datasheet
550Kb / 8P
P-Channel E nhancement Mode Field Effect Transistor
STS2301 SAMHOP-STS2301 Datasheet
593Kb / 7P
P-Channel E nhancement Mode Field Effect Transistor
STS2307A SAMHOP-STS2307A Datasheet
718Kb / 7P
P-Channel E nhancement Mode Field Effect Transistor
STS3405 SAMHOP-STS3405 Datasheet
826Kb / 8P
P-Channel E nhancement Mode Field Effect Transistor
STU1855PL SAMHOP-STU1855PL Datasheet
879Kb / 8P
P-Channel E nhancement Mode Field Effect Transistor
STU1855PLS SAMHOP-STU1855PLS Datasheet
704Kb / 8P
P-Channel E nhancement Mode Field Effect Transistor
STU2455PLS SAMHOP-STU2455PLS Datasheet
792Kb / 9P
P-Channel E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com