Electronic Components Datasheet Search
  English  ▼

X  

STU1530PL Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STU1530PL
Description  P-Channel E nhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU1530PL Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STU1530PL Datasheet HTML 1Page - SamHop Microelectronics Corp. STU1530PL Datasheet HTML 2Page - SamHop Microelectronics Corp. STU1530PL Datasheet HTML 3Page - SamHop Microelectronics Corp. STU1530PL Datasheet HTML 4Page - SamHop Microelectronics Corp. STU1530PL Datasheet HTML 5Page - SamHop Microelectronics Corp. STU1530PL Datasheet HTML 6Page - SamHop Microelectronics Corp. STU1530PL Datasheet HTML 7Page - SamHop Microelectronics Corp. STU1530PL Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
E LE CTR ICAL CHAR ACTE R IS TICS (TA 25 C unless otherwise noted)
=
Parameter
Symbol
Condition
Min Typ Max Unit
OFF CHAR ACTER ISTICS
Drain-Source Breakdown Voltage
BVDSS
=
VGS 0V, ID -250uA
=
-30
V
Zero Gate Voltage Drain Current
IDSS
VDS -24V, VGS 0V
=
=
-1
uA
Gate-Body Leakage
IGSS
VGS 20V, VDS 0V
=
=
100
nA
ON CHAR ACTER ISTICS b
Gate Threshold Voltage
VGS(th)
VDS VGS, ID = -250uA
=
-1
-1.5 -2.5
V
Drain-Source On-State R esistance
R DS(ON)
VGS -10V, ID -5.8A
VGS -4.5V, ID -2.0A
On-State Drain Current
ID(ON)
VDS = -5V, VGS = -10V
-20
A
S
Forward Transconductance
FS
g
VDS -15V, ID - 5.8A
DYNAMIC CHAR ACTER ISTICS
c
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
R everse Transfer Capacitance
VDS =-15V, VGS = 0V
f =1.0MHZ
P
F
P
F
P
F
SWITCHING CHAR ACTER ISTICS
c
Turn-On Delay Time
R ise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
VD = -15V,
ID = -1A,
VGEN = - 10V,
R GEN = 6 ohm
R L = 15 ohm
ns
ns
ns
ns
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =-15V, ID = -5.3A,
VGS =-10V
nC
nC
nC
C
Fall Time
=
=
=
=
=
=
5
2
m-ohm
m-ohm
45
60
nC
VDS =-15V,ID =-5.3A,VGS =-10V
VDS =-15V,ID =-5.3A,VGS =-4.5V
S T U/D1530P L
35
50
8
101
174
809
18.6
12.3
69.4
18.8
3.9
9.5
3.2
44



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com