Electronic Components Datasheet Search
  English  ▼

X  

STU1855PL Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STU1855PL
Description  P-Channel E nhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU1855PL Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STU1855PL Datasheet HTML 1Page - SamHop Microelectronics Corp. STU1855PL Datasheet HTML 2Page - SamHop Microelectronics Corp. STU1855PL Datasheet HTML 3Page - SamHop Microelectronics Corp. STU1855PL Datasheet HTML 4Page - SamHop Microelectronics Corp. STU1855PL Datasheet HTML 5Page - SamHop Microelectronics Corp. STU1855PL Datasheet HTML 6Page - SamHop Microelectronics Corp. STU1855PL Datasheet HTML 7Page - SamHop Microelectronics Corp. STU1855PL Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
S T U/D1855P L
Parameter
S ymbol
Condition
Min Typ Max Unit
E LE CTR ICAL CHAR ACTE R IS TICS (TA=25 C unless otherwise noted)
DR AIN-S OUR CE DIODE CHAR ACTE R IS TICS
Diode Forward Voltage
VSD
VGS = 0V, Is =-10A
-0.9
V
b
C
Notes
c.Guaranteed by design, not subject to production testing.
b.Pulse Test:Pulse Width 300us, Duty Cycle 2%.
F igure 1. Output C haracteristics
F igure 2. Transfer C haracteristics
F igure 4. On-R esistance Variation with
Temperature
F igure 3. C apacitance
-V DS , Drain-to S ource Voltage (V )
-V GS , G ate-to-S ource Voltage (V )
-V DS , Drain-to-S ource Voltage (V )
a.Surface Mounted on FR 4 Board, t 10sec.
5
20
16
12
8
4
0
0
0.5
1
1.5
2
2.5
3
-V GS =10V
-V GS =3V
25 C
20
15
10
5
1
0
0
0.8
1.6
2.4
3.2
4.0
4.8
T j=125 C
3
2.2
1.8
1.4
1.0
0.6
0.2
0
-50
0
50
100
125
-25
25
75
V GS =-10V
ID=-10A
-1.3
-V GS =4V
0
5
10
15
20
25
30
1200
1000
800
600
400
200
0
C iss
C oss
C rss
T J , J unction T emperature ( C )
-V GS =4.5V
-V GS =8V
-55 C
d.Guaranteed when external R g=6 ohm and tf < tf max



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com