Electronic Components Datasheet Search
  English  ▼

X  

TIP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TIP
Description  Infrared Touch Panel with Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TIP Datasheet(HTML) 3 Page - Vishay Siliconix

  TIP_V01 Datasheet HTML 1Page - Vishay Siliconix TIP_V01 Datasheet HTML 2Page - Vishay Siliconix TIP_V01 Datasheet HTML 3Page - Vishay Siliconix TIP_V01 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 37025
For technical questions, contact: displays@vishay.com
www.vishay.com
Revision: 05-Dec-00
3
TIP
Infrared Touch Panel with Controller
Vishay Dale
GENERAL DESCRIPTION
Each Vishay Dale touch panel has infrared LED emitters and
detectors along the X- and Y-axis, forming a grid of infrared
light beams across the face of the display. The first two
numbers of the TIP “matrix” number specify the number of
vertical beams and the last two numbers specify the number
of horizontal beams. The controller scans the emitter/
detector pairs one at a time and determines whether both X
and Y beams are blocked, indicating that a finger or stylus is
present. (When beams are blocked on only one axis, they are
ignored and not reported to the host.) The controller
determines the coordinates of the touch point and reports
them to the host computer. By interpolating a “virtual” beam
between two physical beams, the number of touch points on
each axis is effectively doubled. When an odd number of
beams along either axis is blocked, the coordinate of the
center physical beam is reported. When an even number of
beams is blocked, the coordinate of the virtual beam in the
center of the blocked beams is calculated and reported. The
touch controller supports enter, exit, continuous and tracking
report modes or combinations of these modes. The
controller also has a beeper output. Hardware handshaking,
software handshaking, baud rates and auto-baud features
are jumper selected. The user initializes the desired report
modes and requests reports when needed.
Several optical filters are standard to provide the most cost
effective filter for each application. “Non-standard” filters
may be specified as well. The filter increases the contrast
ratio of the display and protects the display face and
electronics.
Vishay Dale can assist in recommending the optimum filter
based on years of experience as a display manufacturer. The
perimeter of the filter is bonded to the bezel and a bezel to
front panel gasket is includedto provide a splash proof seal.
MATING CONNECTORS
VISHAY
OTHER
J1
280105-02
AMP 746285-1
J5, J6 280105-07 MOLEX 22-01-3037 housing, 08-50-0114 terminals
J4
280108-06 MOLEX 22-01-3037 housing, 08-50-0114 terminals
PIN CONNECTIONS
J1 DATA CONNECTOR
PIN
SIGNAL
PIN
SIGNAL
1
RD (to touch panel)
2
Ground
3
+ 12 (optional)
4
+ 12 (optional)
5
CTS
6
Reserved
7
RTS
8
Reserved
9
Ground
10
TD (from touch panle)
J5, J6 POWER CONNECTOR
PIN
SIGNAL
1+ 12 VDC
2
Beeper signal (active low)
J4 AUDIO FEED BACK CONNECTOR
PIN
SIGNAL
1Ground
2
Beeper signal (active low)
3+ 5 VDC
COMMAND SET (a bridged)
11H
DC1, Ctl Q, XON software handshaking
13H
DC3, Ctl S, XOFF, Software handshaking
20H
Enable exit point mode
21H
Disable exit point mode (default)
22H
Enable enter point mode
23H
Disable enter point mode (default)
24H
Enable continuous mode/disable tracking
25H
Disable continuous mode (default) and tracking
26H
Enable touch panel
27H
Disable touch panel (default)
28H
Request Failed beam report
29H
Enable automatic report transfer
2AH
Disable automatic report transfer (default)
2BH
Request one coordinate report
2CH
Reset touch panel
2EH
Disable beeper (default)
2FxxH
Sound beep, xx = duration (00H to FFH)
34H
Enable tracking mode/disable continuous
TOUCH FRAME DIMENSIONS in inches [millimeters]
MODEL
B
C
D
VIEWING AREA
3216
9.608 [244.04]
4.86 [123.44]
5.67 [144.02]
7.9 x 4.1 [200.66 x 104.14]
3220
9.748 [247.60]
6.238 [158.45]
6.950 [176.53]
8.0 x 5.2 [203.20 x 132.08]
3224
9.680 [246.0]
6.687 [169.85]
7.086 [179.98]
7.8 x 5.9 [198.12 x 149.86]
3526
10.404 [264.26]
7.311 [185.70]
7.532 [191.31]
8.6 x 6.4 [218.44 x 162.56]
B
A
D
C
VIEWING AREA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com