Electronic Components Datasheet Search
  English  ▼

X  

GP13G Datasheet(PDF) 1 Page - GPB International Limited.

Part # GP13G
Description  GP Green Carbon Zinc Battery D Size 1.5 Volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GP [GPB International Limited.]
Direct Link  https://international.gpbatteries.com/
Logo GP - GPB International Limited.

GP13G Datasheet(HTML) 1 Page - GPB International Limited.

  GP13G Datasheet HTML 1Page - GPB International Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BENEFITS:
- Last Longer in clock and flashlight
- More cost-benefits for everyday use
Other Details:
- Mercury Free Zinc Chloride chemistry
- Cylindrical cell type
- Average weight: 97g
• GP Green Carbon Zinc
Battery
• D Size
• 1.5 Volts
Typical Service Life:
Discharge
Resistance
2.2 ohms
Discharge
Condition
1 Hr/Day
End Point
Voltage
0.8V
Service
Life
8.3 Hrs
CONSUMER M
CONSUM
CONSUMER MANUAL
www.gpbatteries.com
Model No.:
GP13G
APPLICATIONS BEST FOR:
2.2 Ohms, 1 Hour/Day e.v = 0.8V
Hours
At 20˚C within 30 days of manufacture
1.4
1.3
1.2
1.1
1.0
0.9
0.8
1.5
1.6
0
2
4
6
8
10
Unit : mm
9.5 MAX.
18 MIN.
32.3 - 34.2
( + )
( - )


Similar Part No. - GP13G

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
GP1300 DEC-GP1300 Datasheet
428Kb / 2P
HIGH VOLTAGE DIODE RECTIFIERS
logo
Hammond Manufacturing L...
GP134GY HAMMOND-GP134GY Datasheet
167Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
GP134LG HAMMOND-GP134LG Datasheet
167Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
GP136GY HAMMOND-GP136GY Datasheet
167Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
GP136LG HAMMOND-GP136LG Datasheet
167Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - GP13G

ManufacturerPart #DatasheetDescription
logo
GPB International Limit...
GP24G GP-GP24G Datasheet
1Mb / 1P
GP Green Carbon Zinc Battery
GP13S GP-GP13S Datasheet
1Mb / 1P
GP Supercell Carbon Zinc Battery D size 1.5 Volts
GP14G GP-GP14G Datasheet
1Mb / 1P
GP Green Carbon Zinc Battery C Size 1.5 Volts
GP14S GP-GP14S Datasheet
1Mb / 1P
GP Supercell Carbon Zinc Battery C size 1.5 Volts
GP1603S GP-GP1603S Datasheet
1Mb / 1P
GP Supercell Carbon Zinc Battery 4.5 Volts
GP1604G GP-GP1604G Datasheet
1Mb / 1P
GP Green Carbon Zinc Battery 9 Volts
GP1604S GP-GP1604S Datasheet
1Mb / 1P
GP Supercell Carbon Zinc Battery 9 Volts
GP24S GP-GP24S Datasheet
1Mb / 1P
GP Supercell Carbon Zinc Battery AAA size 1.5 Volts
GP312G GP-GP312G Datasheet
1Mb / 1P
GP Green Carbon Zinc Battery 4.5 Volts
GP908G GP-GP908G Datasheet
1Mb / 1P
GP Green Carbon Zinc Battery 6.0 Volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com