Electronic Components Datasheet Search
  English  ▼

X  

GP24A Datasheet(PDF) 1 Page - GPB International Limited.

Part # GP24A
Description  GP Super Alkaline Battery AAA size 1.5 Volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GP [GPB International Limited.]
Direct Link  https://international.gpbatteries.com/
Logo GP - GPB International Limited.

GP24A Datasheet(HTML) 1 Page - GPB International Limited.

  GP24A Datasheet HTML 1Page - GPB International Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OTHER DETAILS:
- Mercury Free Alkaline Manganese chemistry
- Cylindrical cell type
- Average weight: 11.4g
APPLICATIONS BEST FOR:
• GP Super Alkaline Battery
• AAA size
• 1.5 Volts
TYPICAL SERVICE LIFE:
Discharge
Discharge
End Point
Service
Resistance
Condition
Voltage
Life
20 Ohms
24 Hrs/Day
0.9V
17.2 Hrs
CONSUMER M
CONSUM
CONSUMER MANUAL
www.gpbatteries.com
Model No.:
GP24A
( + )
( - )
20 Ohms, 24 Hours/Day
Hours
At 20±2°C within 30 days of manufacture
BENEFITS:
- Lasts longer in everyday devices
- Dependable performance
0
5
10
15
20
0.8
1.0
1.2
1.4
1.6
end point 0.9V


Similar Part No. - GP24A

ManufacturerPart #DatasheetDescription
logo
GPB International Limit...
GP24AU GP-GP24AU Datasheet
1Mb / 1P
GP Ultra Alkaline Battery AAA size 1.5 Volts
More results

Similar Description - GP24A

ManufacturerPart #DatasheetDescription
logo
GPB International Limit...
GP13A GP-GP13A Datasheet
1Mb / 1P
GP Super Alkaline Battery D size 1.5 Volts
GP13AU GP-GP13AU Datasheet
1Mb / 1P
GP Ultra Alkaline Battery D size 1.5 Volts
GP14A GP-GP14A Datasheet
2Mb / 1P
GP Super Alkaline Battery • C size • 1.5 Volts
GP14AU GP-GP14AU Datasheet
1Mb / 1P
GP Ultra Alkaline Battery C size 1.5 Volts
GP15A GP-GP15A Datasheet
2Mb / 1P
GP Super Alkaline Battery AA size 1.5 Volts
GP15AU GP-GP15AU Datasheet
1Mb / 1P
GP Ultra Alkaline Battery AA size 1.5 Volts
GP24AU GP-GP24AU Datasheet
1Mb / 1P
GP Ultra Alkaline Battery AAA size 1.5 Volts
GP25A GP-GP25A Datasheet
1Mb / 1P
GP Super Alkaline Battery AAAA size 1.5 Volts
GP186F GP-GP186F Datasheet
2Mb / 1P
GP Alkaline Cell Battery 1.5 Volts
GPPX625AF GP-GPPX625AF Datasheet
2Mb / 1P
GP Alkaline Cell Battery 1.5 Volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com