Electronic Components Datasheet Search
  English  ▼

X  

GP24S Datasheet(PDF) 1 Page - GPB International Limited.

Part # GP24S
Description  GP Supercell Carbon Zinc Battery AAA size 1.5 Volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GP [GPB International Limited.]
Direct Link  https://international.gpbatteries.com/
Logo GP - GPB International Limited.

GP24S Datasheet(HTML) 1 Page - GPB International Limited.

  GP24S Datasheet HTML 1Page - GPB International Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BENEFITS:
- More cost-benefits for everyday use
- Good performance on moderate to
low-drain devices
Other Details:
- Carbon Zinc chemistry
- Cylindrical cell type
- Average weight: 8.5g
• GP Supercell Carbon Zinc
Battery
• AAA size
• 1.5 Volts
CONSUMER M
CONSUM
CONSUMER MANUAL
www.gpbatteries.com
Model No.:
GP24S
APPLICATIONS BEST FOR:
Typical Service Life:
Discharge
Resistance
10 ohms
Discharge
Condition
1 Hr/Day
End Point
Voltage
0.9V
Service
Life
2.7 Hrs
( + )
( - )
10 Ohms, 1 Hour/Day e.v = 0.9V
Hours
At 20˚C within 30 days of manufacture
1.4
1.3
1.2
1.1
1.0
0.9
1.5
1.6
0
1
3
2
4


Similar Part No. - GP24S

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP2400ESM12 DYNEX-GP2400ESM12 Datasheet
169Kb / 12P
Powerline N-Channel Single Switch IGBT Module Preliminary Information
GP2400ESM18 DYNEX-GP2400ESM18 Datasheet
156Kb / 10P
Hi-Reliability Single Switch IGBT Module
GP2401ESM18 DYNEX-GP2401ESM18 Datasheet
152Kb / 9P
Hi-Reliability Single Switch Low VCE(SAT) IGBT Module
logo
QuWireless
GP241E QUWIRELESS-GP241E Datasheet
1,001Kb / 4P
Gigabit Passive PoE Power Supply EU
GP241U QUWIRELESS-GP241U Datasheet
1,001Kb / 4P
Gigabit Passive PoE Power Supply UK
More results

Similar Description - GP24S

ManufacturerPart #DatasheetDescription
logo
GPB International Limit...
GP13G GP-GP13G Datasheet
1Mb / 1P
GP Green Carbon Zinc Battery D Size 1.5 Volts
GP13S GP-GP13S Datasheet
1Mb / 1P
GP Supercell Carbon Zinc Battery D size 1.5 Volts
GP14G GP-GP14G Datasheet
1Mb / 1P
GP Green Carbon Zinc Battery C Size 1.5 Volts
GP14S GP-GP14S Datasheet
1Mb / 1P
GP Supercell Carbon Zinc Battery C size 1.5 Volts
GP1603S GP-GP1603S Datasheet
1Mb / 1P
GP Supercell Carbon Zinc Battery 4.5 Volts
GP1604S GP-GP1604S Datasheet
1Mb / 1P
GP Supercell Carbon Zinc Battery 9 Volts
GP24A GP-GP24A Datasheet
1Mb / 1P
GP Super Alkaline Battery AAA size 1.5 Volts
GP24AU GP-GP24AU Datasheet
1Mb / 1P
GP Ultra Alkaline Battery AAA size 1.5 Volts
GP312G GP-GP312G Datasheet
1Mb / 1P
GP Green Carbon Zinc Battery 4.5 Volts
GP908G GP-GP908G Datasheet
1Mb / 1P
GP Green Carbon Zinc Battery 6.0 Volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com