Electronic Components Datasheet Search
  English  ▼

X  

GP312G Datasheet(PDF) 1 Page - GPB International Limited.

Part # GP312G
Description  GP Green Carbon Zinc Battery 4.5 Volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GP [GPB International Limited.]
Direct Link  https://international.gpbatteries.com/
Logo GP - GPB International Limited.

GP312G Datasheet(HTML) 1 Page - GPB International Limited.

  GP312G Datasheet HTML 1Page - GPB International Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BENEFITS:
- More cost-benefits for everyday use
Other Details:
- Mercury Free Zinc Chloride chemistry
- Average weight: 115g
• GP Green Carbon Zinc
Battery
• 4.5 Volts
Typical Service Life:
Discharge
Resistance
220 ohms
Discharge
Condition
4 Hrs/Day
End Point
Voltage
2.7V
Service
Life
108 Hrs
1 Hr/Day
20 ohms
2.7V
370 Mins
CONSUMER M
CONSUM
CONSUMER MANUAL
www.gpbatteries.com
Model No.:
GP312G
Unit : mm
3.0 MIN
1.0 MIN
23.0 MIN
16.0 MIN
62.0 MAX
(-)
(+)
67.0 MAX
7.0 MAX
22.0 MAX
end point 2.7 V
0
100
200
300
400
5.0
4.5
4.0
3.5
3.0
2.5
Time (Min)
At 20˚C within 30 days of manufacture
20 Ohms, 1 Hour/ Day


Similar Part No. - GP312G

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
GP312 MALLORY-GP312 Datasheet
37Kb / 3P
Disc Ceramic Capacitors
logo
GPB International Limit...
GP312A GP-GP312A Datasheet
1Mb / 1P
GP Super Alkaline Battery 4.5 Volts
More results

Similar Description - GP312G

ManufacturerPart #DatasheetDescription
logo
GPB International Limit...
GP24G GP-GP24G Datasheet
1Mb / 1P
GP Green Carbon Zinc Battery
GP13G GP-GP13G Datasheet
1Mb / 1P
GP Green Carbon Zinc Battery D Size 1.5 Volts
GP13S GP-GP13S Datasheet
1Mb / 1P
GP Supercell Carbon Zinc Battery D size 1.5 Volts
GP14G GP-GP14G Datasheet
1Mb / 1P
GP Green Carbon Zinc Battery C Size 1.5 Volts
GP14S GP-GP14S Datasheet
1Mb / 1P
GP Supercell Carbon Zinc Battery C size 1.5 Volts
GP1603S GP-GP1603S Datasheet
1Mb / 1P
GP Supercell Carbon Zinc Battery 4.5 Volts
GP1604G GP-GP1604G Datasheet
1Mb / 1P
GP Green Carbon Zinc Battery 9 Volts
GP1604S GP-GP1604S Datasheet
1Mb / 1P
GP Supercell Carbon Zinc Battery 9 Volts
GP24S GP-GP24S Datasheet
1Mb / 1P
GP Supercell Carbon Zinc Battery AAA size 1.5 Volts
GP908G GP-GP908G Datasheet
1Mb / 1P
GP Green Carbon Zinc Battery 6.0 Volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com