Electronic Components Datasheet Search
  English  ▼

X  

GP908G Datasheet(PDF) 1 Page - GPB International Limited.

Part # GP908G
Description  GP Green Carbon Zinc Battery 6.0 Volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GP [GPB International Limited.]
Direct Link  https://international.gpbatteries.com/
Logo GP - GPB International Limited.

GP908G Datasheet(HTML) 1 Page - GPB International Limited.

  GP908G Datasheet HTML 1Page - GPB International Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BENEFITS:
- More cost-benefits for everyday use
Other Details:
- Mercury Free Zinc Chloride chemistry
- Average weight: 115g
Typical Service Life:
Discharge
Resistance
6.8 ohms
Discharge
Condition
30 Mins/Day
End Point
Voltage
3.6V
Service
Life
380 Mins
1 Hr/Day
8.2 ohms
120 ohms
30 Mins/Day
3.6V
3.6V
11 Hrs
230 Hrs
12 Hrs/Day
CONSUMER M
CONSUM
CONSUMER MANUAL
www.gpbatteries.com
Model No.:
GP908G
Unit : mm
65-67
+
6 VOLTS
3.0
4.0
5.0
6.0
7.0
0
end point 3.6V
6.8 Ohms, 30 Mins/Hr, 8 Hrs/Day
100
200
300
400
500
Minutes
At 20°C within 30 days of manufacture
• GP Green Carbon Zinc
Battery
• 6.0 Volts


Similar Part No. - GP908G

ManufacturerPart #DatasheetDescription
logo
GPB International Limit...
GP908A GP-GP908A Datasheet
3Mb / 1P
GP Super Alkaline Battery 6 Volts
More results

Similar Description - GP908G

ManufacturerPart #DatasheetDescription
logo
GPB International Limit...
GP24G GP-GP24G Datasheet
1Mb / 1P
GP Green Carbon Zinc Battery
GP13G GP-GP13G Datasheet
1Mb / 1P
GP Green Carbon Zinc Battery D Size 1.5 Volts
GP13S GP-GP13S Datasheet
1Mb / 1P
GP Supercell Carbon Zinc Battery D size 1.5 Volts
GP14G GP-GP14G Datasheet
1Mb / 1P
GP Green Carbon Zinc Battery C Size 1.5 Volts
GP14S GP-GP14S Datasheet
1Mb / 1P
GP Supercell Carbon Zinc Battery C size 1.5 Volts
GP1603S GP-GP1603S Datasheet
1Mb / 1P
GP Supercell Carbon Zinc Battery 4.5 Volts
GP1604G GP-GP1604G Datasheet
1Mb / 1P
GP Green Carbon Zinc Battery 9 Volts
GP1604S GP-GP1604S Datasheet
1Mb / 1P
GP Supercell Carbon Zinc Battery 9 Volts
GP24S GP-GP24S Datasheet
1Mb / 1P
GP Supercell Carbon Zinc Battery AAA size 1.5 Volts
GP312G GP-GP312G Datasheet
1Mb / 1P
GP Green Carbon Zinc Battery 4.5 Volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com