Electronic Components Datasheet Search
  English  ▼

X  

ALT Datasheet(PDF) 2 Page - Littelfuse

Part # ALT
Description  8-pin Plug-in Alternating Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

ALT Datasheet(HTML) 2 Page - Littelfuse

  ALT Datasheet HTML 1Page - Littelfuse ALT Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2019 Littelfuse, Inc.
Protection Relays
Alternating Relays
www.littelfuse.com/
Rev: 2-C-043019
www.littelfuse.com/
www.littelfuse.com/alt
ALT SERIES
Specifications
Input Characteristics
Supply Current
40 mA
Functional Characteristics
Debounce Time Delay
0.5 second
Control Input Impedance (min)
24
10 kΩ
115
56 kΩ
230
100 kΩ
Output Characteristics
Output Contact Rating
480 VA @ 240 V ac
General Characteristics
Temperature Range
-40 °C to 50 °C (-40 °F to 122 °F)
Maximum Input Power
5 W
Safety Marks
UL (OT08PC octal
socket required)
UL 508 (File #E68520)
CSA
C22.2 No. 14 (File #46510)
Dimensions (with socket)
H 44.45 mm (1.75”); W 60.33 mm (2.375”);
D 104.78 mm (4.125”)
Weight
0.38 lb. (6.08 oz., 172.67 g)
Mounting Method
DIN rail or surface mount
(plug into OT08PC socket)
Socket Available
OT08PC (UL Rating 600 V)
The 600 V socket can be surface mounted or installed on DIN rail.
Disclaimer Notice – Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own
applications. Littelfuse products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at www.littelfuse.com/product-disclaimer.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com