Electronic Components Datasheet Search
  English  ▼

X  

LLC54AAS Datasheet(PDF) 1 Page - Littelfuse

Part # LLC54AAS
Description  Liquid Level Controls
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LLC54AAS Datasheet(HTML) 1 Page - Littelfuse

  LLC54AAS Datasheet HTML 1Page - Littelfuse LLC54AAS Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Protection Relays
Pump Controls and Liquid Level Controls
www.littelfuse.com/LLC5
Rev: 1-A-062116
Liquid Level Controls
Description
The LLC5 provides dual probe conductive liquid level control
in a convenient octal plug-in package. Models are available
for fixed fill or drain operation. Isolated, pulsed DC voltage
on the probes prevents electrolytic plating. Less than 1 mA
of current is used to sense the presence of conductive liquid
between the probes and common. On adjustable units, the
sensitivity adjustment eliminates false tripping caused by
floating debris and foaming agents.
Operation
Drain (Pump-Down Mode): When the liquid level rises
and touches the high level probe, the output relay and LED
energize and remain energized until the liquid level falls below
the low level probe. The output relay and LED de-energize and
remain de-energized until the liquid rises and touches the high
level probe.
Fill (Pump-Up Mode): When the liquid level falls below
the low level probe, the output relay and LED energize and
remain energized until the liquid level rises and touches the
high level probe. The output relay and LED de-energize and
remain de-energized until the liquid level again falls below the
low level probe.
Features & Benefits
FEATURES
BENEFITS
Unique Probe
Protection logic
Probes are protected from scale build up through
pulsed DC signal between the probes.
LED status indicatior
Visual indication of relay engagement in pump-up or
pump-down activity
Isolated 5A
SPDT contacts
Allows control of loads for AC voltage
Accessories
BZ1 Front Panel Mount Kit
Provides an easy method of through-the-panel
mounting of 8- or 11-pin plug-in timers, flashers,
and other controls.
NDS-8 Octal 8-pin Socket
8-pin 35mm DIN rail or surface mount. Rated
at 10A @ 300VAC. Surface mounted with two
#6 (M 3.5 x 0.6) screws or snaps onto a 35 mm
DIN rail. Uses PSC8 hold-down clips.
PSC8 Hold-down Clips
Securely mounts plug-in controls in any position.
Provides protection against vibration. Use with
NDS-8 Octal Socket. Sold in pairs.
Note: use of the PSC8 clips partley covers the LED window of
the LLC5 unit. Use of alternative socket base P1011-6 with its
corresponding hold down clips PSCRB8 do not cover up the LED
window, but the socket base is not DIN rail mountable.
Ordering Information
MODEL
LINE
VOLTAGE
DESCRIPTION
LLC52AA
24VAC
For Drain (pump-down) operation with
adjustable sense resistance
LLC52BA
24VAC
For Fill (pump-up) operation with adjustable
sense resistance
LLC54AA
120VAC
For Drain (pump-down) operation with
adjustable sense resistance
LLC54AAS
120VAC
For Drain (pump-down) operation with
adjustable sense resistance and reverse
connection (#8 low, #6 high)
LLC54AF10
120VAC
For Drain (pump-down) operation with fixed
sense resistance of 10 kΩ
LLC54BA
120VAC
For Fill (pump-up) operation with adjustable
sense resistance
LLC54BAS
120VAC
For Fill (pump-up) operation with adjustable
sense resistance and reverse connection
(#8 low, #6 high)
LLC56AA
230 VAC
For Drain (pump-down) operation with
adjustable sense resistance
If you don’t find the part you need, call us for a custom product 800-843-8848
Wiring Diagram
L1
N/L2
Metal Tank or use
additional Probe
HP = HIGH LEVEL PROBE
LP = LOW LEVEL PROBE
C = PROBE COMMON
V = VOLTAGE
Relay contacts are isolated.
Connect common to
conductive tank. Additional
probe is necessary for non-
conductive or insulated tanks.
LLC5 SERIES
8-PIN


Similar Part No. - LLC54AAS

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LLC520UYC-B90 LIGHTKEY-LLC520UYC-B90 Datasheet
76Kb / 2P
5mm Cylindrical Yellow LED Lamp
More results

Similar Description - LLC54AAS

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
039-6000-100 MAGNETROL-039-6000-100 Datasheet
161Kb / 8P
Tuffy짰 Liquid Level Controls with Pneumatic Switch
039-6000-104 MAGNETROL-039-6000-104 Datasheet
152Kb / 4P
Tuffy Liquid Level Controls with Pneumatic Switch
T3B MAGNETROL-T3B Datasheet
308Kb / 12P
Tuffy II짰 Liquid Level Controls with Electric Switches
T31-002N-10A MAGNETROL-T31-002N-10A Datasheet
542Kb / 28P
Tuffy짰 II Liquid Level Controls with Electric Switches
T52-1E3N-KOG MAGNETROL-T52-1E3N-KOG Datasheet
283Kb / 24P
Side Mounting Liquid Level Controls
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
LLC1 LITTELFUSE-LLC1 Datasheet
369Kb / 2P
Open Board Liquid Level Controls
2016 Rev: 1-A-062716
LLC2 LITTELFUSE-LLC2 Datasheet
384Kb / 2P
Open Board Liquid Level Controls
2016 Rev: 1-A-062716
LLC4 LITTELFUSE-LLC4 Datasheet
450Kb / 2P
Octal Plug-In Liquid Level Controls
2017 Rev: 1-A-020817
LLC6 LITTELFUSE-LLC6 Datasheet
416Kb / 2P
Low Level Cutoff Liquid Level Controls
2016 Rev: 1-A-062716
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com