Electronic Components Datasheet Search
  English  ▼

X  

AMF24 Datasheet(PDF) 3 Page - XP Power Limited

Part # AMF24
Description  AC-DC PO WER SUPPLIES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AMF24 Datasheet(HTML) 3 Page - XP Power Limited

  AMF24 Datasheet HTML 1Page - XP Power Limited AMF24 Datasheet HTML 2Page - XP Power Limited AMF24 Datasheet HTML 3Page - XP Power Limited AMF24 Datasheet HTML 4Page - XP Power Limited AMF24 Datasheet HTML 5Page - XP Power Limited AMF24 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC-DC POWER SUPPLIES
3
AMF24 Series
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
0
+60
°C
Derate from 100% load at 45°C to 50% load at 60°C.
Agency approval to 45°C max.
Storage Temperature
-20
+85
°C
Operating Humidity
90
%RH
Non-condensing
Operating Altitude
5000
m
Vibration
10
300
Hz
2g, 0.3 decades/min, 15 mins for each of 3 axes
Cooling
Natural convection
Shock
1m drop onto concrete on each of 6 axes, non operating
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Emissions
EN55011
Level B
Conducted and radiated
Harmonic Current
EN61000-3-2
Class A
Voltage Flicker
EN61000-3-3
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Medical Device EMC
IEC60601-1-2
Ed.4.0 : 2014
as below
ESD Immunity
EN61000-4-2
±8kV contact, ±15 V air
A
Radiated Immunity
EN61000-4-3
10 V/m
A
80 to 2700mHz, IEC60601-1-2 Ed. 4.0 at other frequencies
EFT/Burst
EN61000-4-4
Level 3
A
Surge
EN61000-4-5
Level 3
A
Conducted Immunity
EN61000-4-6
6 V
A
Magnetic Fields
EN61000-4-8
30A/m
A
Dips and Interruptions
EN60601-1-2
Dip: 30% 25 AC Cycles
A/B
High Line/Low Line
Int: 100% 0.5 AC Cycle
A
At 8 angles
Int: 100% 1 AC Cycle
B
Int.: >95% 5000ms
B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com