Electronic Components Datasheet Search
  English  ▼

X  

AMF36 Datasheet(PDF) 4 Page - XP Power Limited

Part # AMF36
Description  AC-DC PO WER SUPPLIES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AMF36 Datasheet(HTML) 4 Page - XP Power Limited

  AMF36 Datasheet HTML 1Page - XP Power Limited AMF36 Datasheet HTML 2Page - XP Power Limited AMF36 Datasheet HTML 3Page - XP Power Limited AMF36 Datasheet HTML 4Page - XP Power Limited AMF36 Datasheet HTML 5Page - XP Power Limited AMF36 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC-DC POWER SUPPLIES
4
AMF36 Series
Mechanical Details
1. All dimensions shown in inches (mm). Tolerance: ±0.02 (±0.7)
2. Weight: 0.46lb (210g)
Notes:
AMF36USXX
3. Output plug: barrel jack connector, ø5.5 x ø2.5 x 11.0mm, centre positive
4. Output lead: UL1185, 16AWG, 1000mm for 5V version, UL2468, 18AWG,
1500mm for 9V to 48V versions.
2.3, ±0.02 (58.5, ±0.7)
0.4 (11.0)
ø0.2 (ø5.5)
ø0.09 (ø2.5)
1.2, ±0.02
(31.2, ±0.01)
1.1, ±0.02
(28.2, ±0.01)
1.39, ±0.02
(35.45, ±0.01)
0.5, ±0.02
(14.1, ±0.01)
1.94, ±0.01
(49.45, ±0.5)
1.67, ±0.01
(42.5, ±0.5)
2.7
1.31, ±0.02
(33.5, ±0.7)
Europe
US/Japan
UK
Australia
China
3.56, ±0.02
(90.5, ±0.7)
0.6, ±0.001
(16.0, ±0.35)
0.92, ±0.01
(23.5, ±0.5)
CN
EU
UK
0.7, ±0.01
(19.0, ±0.5)
1.19, ±0.01
(30.3, ±0.5)
0.89, ±0.01
(22.73, ±0.5)
0.92, ±0.01
(23.5, ±0.5)
1.2, ±0.01
(31.2, ±0.5)
1.11, ±0.01
(28.2, ±0.5)
1.61, ±0.01
(40.9, ±0.5)
0.67, ±0.01
(17.06, ±0.4)
0.96, ±0.01
(24.5, ±0.5)
1.12, ±0.01
(28.6, ±0.5)
0.6, ±0.01
(17.0, ±0.5)
0.92, ±0.01
(23.5, ±0.5)
US
Cable length:
39.3 ±3.9
(1000, ±100)
5V version only



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com