Electronic Components Datasheet Search
  English  ▼

X  

72002E Datasheet(PDF) 1 Page - Belden Inc.

Part # 72002E
Description  DataTuff® 5E, 2PR #26 Str BC, PO ins, SF/UTP, PVC jkt, AWM 2464
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

72002E Datasheet(HTML) 1 Page - Belden Inc.

  72002E Datasheet HTML 1Page - Belden Inc. 72002E Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 72002E
DataTuff® 5E, 2PR #26 Str BC, PO ins, SF/UTP, PVC jkt, AWM 2464
Product Description
DataTuff® 5E, 2 Pair AWG 26 Bare Copper - Stranded, Polyethylene insulation, SF/UTP - Overall Braid + Foil shielding, PVC jacket , AWM 2464
Technical Specifications
Product Overview
Suitable Applications:
harsh environment, IIoT, factory or process automation, video, audio, data communication, etc.
Construction Details
Conductor
Size
Stranding
Material
Number of Pairs Number of Element
26 AWG 7x0.16 mm BC - Bare Copper 2
4
Insulation
Material
Nom. Insulation Diameter
Color Code
PE - Polyethylene 0.98 mm (0.039 in)
White/Blue & Blue, White/Orange & Orange
Cable Core
Description
2 pairs and 2 fillers twisted to cable core covered with a polyester foil
Outer Shield
Shield Type
Material
Coverage
Tape
Bi-Laminate (Alum+Poly)
Braid
Tinned Copper (TC)
80%
Table Notes:
Aluminum outside
Outer Jacket
Material
Nom. Diameter
PVC - Polyvinyl Chloride 6 mm (0.24 in)
Overall Cable Diameter (Nominal):
6 mm (0.24 in)
Electrical Characteristics
Electricals
Max. Conductor DCR Max. Mutual Capacitance Max. Capacitance Unbalance Nom. Characteristic Impedance
140 Ohm/km
56 pF/m (17 pF/ft)
160 pF/100m
100 Ohm
Delay
Max. Delay Skew Nom. Velocity of Prop.
40 ns/100m
60%
High Frequency
Frequency
[MHz]
Max. Insertion Loss (Attenuation) Min. NEXT [dB] Min. ACRF (ELFEXT) [dB] Min. RL (Return Loss) [dB]
0.772
67
19.4


Similar Part No. - 72002E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
72002E ETC2-72002E Datasheet
280Kb / 4P
Industrial Ethernet Cables
More results

Similar Description - 72002E

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
72001E BELDEN-72001E Datasheet
145Kb / 2P
DataTuff® 5E, 2PR #24 Sol BC, PO ins, SF/UTP, PVC jkt, AWM 2464
2022 Belden, Inc
72001NH BELDEN-72001NH Datasheet
145Kb / 2P
DataTuff® 5E, 2PR #24 Sol BC, PO ins, SF/UTP, LSNH Jkt, AWM 21286
2022 Belden, Inc
72001PU BELDEN-72001PU Datasheet
160Kb / 2P
DataTuff® 5E, 2PR #24 Sol BC, PO ins, SF/UTP, PUR HF jkt, AWM 20549
2022 Belden, Inc
72002NH BELDEN-72002NH Datasheet
149Kb / 2P
DataTuff® 5E, 2PR #26 Str BC, PO ins, SF/UTP, LSNH Jkt, AWM 21286
2022 Belden, Inc
72002PU BELDEN-72002PU Datasheet
148Kb / 2P
DataTuff® 5E, 2PR #26 Str BC, PO ins, SF/UTP, PUR HF jkt, AWM 20549
2022 Belden, Inc
74001E BELDEN-74001E Datasheet
169Kb / 2P
DataTuff® 5E, 4PR #24 Sol BC, PO ins, SF/UTP, PVC jkt, AWM 2464
2022 Belden, Inc
74002E BELDEN-74002E Datasheet
168Kb / 2P
DataTuff® 5E, 4PR #26 Str BC, PO ins, SF/UTP, PVC jkt, AWM 2464
2022 Belden, Inc
74002NH BELDEN-74002NH Datasheet
170Kb / 2P
DataTuff® 5E, 4PR #26 Str BC, PO ins, SF/UTP, LSNH Jkt, AWM 21286
2022 Belden, Inc
74002PU BELDEN-74002PU Datasheet
169Kb / 2P
DataTuff® 5E, 4PR #26 Str BC, PO ins, SF/UTP, PUR HF jkt, AWM 20549
2022 Belden, Inc
74009PU BELDEN-74009PU Datasheet
167Kb / 2P
DataTuff® 5E, 4PR #26 Str BC, PO ins, SF/UTP, PUR HF jkt, AWM 20549
2022 Belden, Inc
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com