Electronic Components Datasheet Search
  English  ▼

X  

74009PU Datasheet(PDF) 1 Page - Belden Inc.

Part # 74009PU
Description  DataTuff® 5E, 4PR #26 Str BC, PO ins, SF/UTP, PUR HF jkt, AWM 20549
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

74009PU Datasheet(HTML) 1 Page - Belden Inc.

  74009PU Datasheet HTML 1Page - Belden Inc. 74009PU Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 74009PU
DataTuff® 5E, 4PR #26 Str BC, PO ins, SF/UTP, PUR HF jkt, AWM 20549
Product Description
DataTuff® 5E, 4 Pair AWG 26 Bare Copper - Stranded, Polyethylene insulation, SF/UTP - Overall Braid + Foil shielding, PUR Halogen Free jacket , AWM
20549
Technical Specifications
Product Overview
Suitable Applications:
harsh environment, IIoT, factory or process automation, video, audio, data communication, etc.
Construction Details
Conductor
Size
Stranding
Material
Number of Pairs Number of Element
26 AWG 19x0.10 mm BC - Bare Copper 4
8
Insulation
Material
Nom. Insulation Diameter
Color Code
PE -
Polyethylene
1 mm (0.039 in)
White/Blue & Blue, White/Orange & Orange, White/Green & Green, White/Brown & Brown
Cable Core
Description
5 fillers and 4 pairs twisted to cable core
Outer Shield
Shield Type
Material
Coverage
Tape
Bi-Laminate (Alum+Poly) 100%
Braid
Tinned Copper (TC)
80%
Table Notes:
Aluminum outside
Outer Jacket
Separator
Material
Nom. Diameter
non-Woven Tape PUR - Polyurethane (Halogen Free) 6.4 mm (0.25 in)
Table Notes:
Sheath Resists Weld-Splatter
Overall Cable Diameter (Nominal):
6.4 mm (0.25 in)
Electrical Characteristics
Electricals
Max. Conductor DCR Max. Mutual Capacitance Max. Capacitance Unbalance Nom. Characteristic Impedance
140 Ohm/km
56 pF/m (17 pF/ft)
160 pF/100m
100 Ohm
Delay
Max. Delay Skew Nom. Velocity of Prop.
40 ns/100m
60%
High Frequency


Similar Part No. - 74009PU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
74009 ETC2-74009 Datasheet
303Kb / 1P
Wiha Quality Tools Slotted Bits
logo
Alpha Wire
74009 ALPHAWIRE-74009 Datasheet
417Kb / 5P
22 (SOLID) AWG Bare Copper
More results

Similar Description - 74009PU

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
72001PU BELDEN-72001PU Datasheet
160Kb / 2P
DataTuff® 5E, 2PR #24 Sol BC, PO ins, SF/UTP, PUR HF jkt, AWM 20549
2022 Belden, Inc
72002E BELDEN-72002E Datasheet
147Kb / 2P
DataTuff® 5E, 2PR #26 Str BC, PO ins, SF/UTP, PVC jkt, AWM 2464
2022 Belden, Inc
72002NH BELDEN-72002NH Datasheet
149Kb / 2P
DataTuff® 5E, 2PR #26 Str BC, PO ins, SF/UTP, LSNH Jkt, AWM 21286
2022 Belden, Inc
72002PU BELDEN-72002PU Datasheet
148Kb / 2P
DataTuff® 5E, 2PR #26 Str BC, PO ins, SF/UTP, PUR HF jkt, AWM 20549
2022 Belden, Inc
74001PU BELDEN-74001PU Datasheet
169Kb / 2P
DataTuff® 5E, 4PR #24 Sol BC, PO ins, SF/UTP, PUR HF jkt, AWM 20549
2022 Belden, Inc
74002E BELDEN-74002E Datasheet
168Kb / 2P
DataTuff® 5E, 4PR #26 Str BC, PO ins, SF/UTP, PVC jkt, AWM 2464
2022 Belden, Inc
74002NH BELDEN-74002NH Datasheet
170Kb / 2P
DataTuff® 5E, 4PR #26 Str BC, PO ins, SF/UTP, LSNH Jkt, AWM 21286
2022 Belden, Inc
74002PU BELDEN-74002PU Datasheet
169Kb / 2P
DataTuff® 5E, 4PR #26 Str BC, PO ins, SF/UTP, PUR HF jkt, AWM 20549
2022 Belden, Inc
74003PU BELDEN-74003PU Datasheet
170Kb / 3P
DataTuff® 5E, 4PR #26 Str BC, PO ins, SF/UTP, PUR HF jkt, 2M flex Trailing
2022 Belden, Inc
74005PU BELDEN-74005PU Datasheet
169Kb / 3P
DataTuff® 7, 4PR #26 Str BC, PO ins, S/FTP, PUR HF jkt, AWM 21292
2022 Belden, Inc
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com