Electronic Components Datasheet Search
  English  ▼

X  

ATMM100 Datasheet(PDF) 3 Page - Belden Inc.

Part # ATMM100
Description  CAT3 Backbone, 100pr, Armor Shield, PVC Jkt, CMR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

ATMM100 Datasheet(HTML) 3 Page - Belden Inc.

  ATMM100 Datasheet HTML 1Page - Belden Inc. ATMM100 Datasheet HTML 2Page - Belden Inc. ATMM100 Datasheet HTML 3Page - Belden Inc. ATMM100 Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Bulk Cable Weight:
414 lbs/1000ft
Max. Pull Tension:
600 lbs
Min. Bend Radius During Installation:
17.0 in
Min. Bend Radius/Minor Axis:
8.5 in
Standards
NEC/(UL) Compliance:
CMR
CEC/C(UL) Compliance:
CMR
CPR Euroclass:
Eca
Data Category:
Category 3
ANSI Compliance:
S-90-661-2012 Category 3, ANSI/NEMA WC-63.1 Category 3
TIA/EIA Compliance:
ANSI/TIA-568-C.2 Category 3
Applicable Environmental and Other Programs
Environmental Space:
Riser
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/96/EC (BFR):
Yes
EU Directive 2011/65/EU (RoHS 2):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU (RoHS 2
amendment):
Yes
EU Directive Compliance:
Yes
EU CE Mark:
Yes
EU REACH SVHC Compliance
(yyyy-mm-dd):
2017-07-10
MII Order #39 (China RoHS):
Yes
Suitability
Suitability - Aerial:
No
Suitability - Burial:
No
Suitability - Hazardous Locations:
No
Suitability - Indoor:
Yes
Suitability - Non-Halogenated:
No
Suitability - Oil Resistance:
No
Suitability - Outdoor:
No
Suitability - Sunlight Resistance:
No
Flammability, LS0H, Toxicity Testing
C(UL) Flammability:
FT4
UL Flammability:
UL 1666 Riser
IEC Flammability:
IEC 60332-1-2
UL voltage rating:
300 V RMS
Plenum/Non-Plenum
Plenum (Y/N):
No
Related Part Numbers
Variants
Item #
Color Put-Up Type
Length
UPC
ATMM100 008CUT Gray
Cut to Length
612825062004
ATMM100 008CUT Gray
Cut to Length 1 ft
612825062004
Product Notes
Notes:
Electrical values are expected performance based on cable testing and representative performance within a typical Belden system. Print Includes Descending
Footage/Meter Markings. Corrugated Aluminum Armor Bonded to the Jacket.
History
Update and Revision:
Revision Number: 0.383 Revision Date: 11-09-2022



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com