Electronic Components Datasheet Search
  English  ▼

X  

ATMM300 Datasheet(PDF) 2 Page - Belden Inc.

Part # ATMM300
Description  CAT3 Backbone, 300pr, Armor Shield, PVC Jkt, CMR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

ATMM300 Datasheet(HTML) 2 Page - Belden Inc.

  ATMM300 Datasheet HTML 1Page - Belden Inc. ATMM300 Datasheet HTML 2Page - Belden Inc. ATMM300 Datasheet HTML 3Page - Belden Inc. ATMM300 Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
23
Violet & Green
24
Violet & Brown
25
Violet & Slate
Group One Binder
White/Blue
Group Two Binder
White/Orange
Group Three Binder
White/Green
Group Four Binder
White/Brown
Group Five Binder
White/Slate
Group Six Binder
Red/Blue
Group Seven Binder
Red/Orange
Group Eight Binder
Red/Green
Group Nine Binder
Red/Brown
Group Ten Binder
Red/Slate
Group Eleven Binder Black/Blue
Group Twelve Binder Black/Orange
Color Chart 2
Number
1
2
3
4
5
6
7
8
9
10
11
12
Outer Shield
Material
Aluminum
Outer Jacket
Material
Nominal Diameter Ripcord
PVC - Polyvinyl Chloride 1.320 in
Yes
Construction and Dimensions
Armor
Type of Armor
Material
Thickness of Armoring Tape
Corrugated
Aluminum .008 in
Electrical Characteristics
Conductor DCR
Max. Conductor DCR Max. DCR Unbalance
93.8 Ohm/km
5 %
Capacitance
Max. Capacitance Unbalance Nom.Mutual Capacitance
330 pF/100m
17 pF/ft
Delay
Frequency [MHz]
Max. Delay
Max. Delay Skew Nominal Velocity of Propagation (VP) [%]
16 MHz
543 ns/100m 45 ns/100m
68%
High Frequency
Frequency [MHz] Max. Insertion Loss (Attenuation) Min. NEXT [dB] Min. PSNEXT [dB] Min. ACR [dB] Min. PSACR [dB] Min. RL (Return Loss) [dB] Max./Min. Fitted Impedance
0.772 MHz
2.2 dB/100m
47.0 dB
43.0 dB
50.1 dB
46.1 dB
100 +/- 15
1.0 MHz
2.6 dB/100m
45.0 dB
41.0 dB
47.8 dB
43.8 dB
12.0 dB
100 +/- 15



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com