Electronic Components Datasheet Search
  English  ▼

X  

ATMM50 Datasheet(PDF) 1 Page - Belden Inc.

Part # ATMM50
Description  CAT3 Backbone, 50pr, Armor Shield, PVC Jkt, CMR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

ATMM50 Datasheet(HTML) 1 Page - Belden Inc.

  ATMM50 Datasheet HTML 1Page - Belden Inc. ATMM50 Datasheet HTML 2Page - Belden Inc. ATMM50 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: ATMM50
CAT3 Backbone, 50pr, Armor Shield, PVC Jkt, CMR
Product Description
CAT3, ATMM/ARMM, 50-Pair, F/UTP-foil shield , Riser-CMR, Premise Backbone Cable, 24 AWG solid bare copper conductors, foam polyolefin insulation with
PVC skin, ripcord, corrugated aluminum shield bonded to overall PVC jacket
Technical Specifications
Product Overview
Suitable Applications:
Premise Backbone Cable
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Pairs
24
Solid
BC - Bare Copper 50
Conductor Count:
100
Total Number of Pairs:
50
Insulation
Material
PO - Polyolefin (Foam)
Bonded-Pair:
N/A
Color Chart
Number
Color
1
White & Blue
2
White & Orange
3
White & Green
4
White & Brown
5
White & Slate
6
Red & Blue
7
Red & Orange
8
Red & Green
9
Red & Brown
10
Red & Slate
11
Black & Blue
12
Black & Orange
13
Black & Green
Group One Binder
White/Blue (12 Pr)
Group Two Binder
White/Blue (13 Pr)
Group Three Binder White/Orange (12 Pr)
Group Four Binder
White/Orange (13 Pr)
Color Chart 2
Number
Color
1
White/Blue (12)
2
White/Blue (13)


Similar Part No. - ATMM50

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
ATMM100 BELDEN-ATMM100 Datasheet
187Kb / 4P
CAT3 Backbone, 100pr, Armor Shield, PVC Jkt, CMR
2022 Belden, Inc
ATMM100008CUT BELDEN-ATMM100008CUT Datasheet
187Kb / 4P
CAT3 Backbone, 100pr, Armor Shield, PVC Jkt, CMR
2022 Belden, Inc
ATMM25 BELDEN-ATMM25 Datasheet
176Kb / 3P
CAT3 Backbone, 25pr, Armor Shield, PVC Jkt, CMR
2022 Belden, Inc
ATMM25008CUT BELDEN-ATMM25008CUT Datasheet
176Kb / 3P
CAT3 Backbone, 25pr, Armor Shield, PVC Jkt, CMR
2022 Belden, Inc
ATMM300 BELDEN-ATMM300 Datasheet
188Kb / 4P
CAT3 Backbone, 300pr, Armor Shield, PVC Jkt, CMR
2022 Belden, Inc
More results

Similar Description - ATMM50

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
127903A BELDEN-127903A Datasheet
243Kb / 3P
DataTuff짰 5e, 4Pr #22 Sol BC, PO Ins, OS, PVC Jkt, AIA Armor, PVC Jkt, PLTC CMR
11872A BELDEN-11872A Datasheet
263Kb / 3P
DataTuff짰 6, 4 Bonded-Pr #24 Sol BC, PO Ins, PVC Jkt, PVC Jkt, CMR
1232A1 BELDEN-1232A1 Datasheet
177Kb / 3P
CAT3 Horizontal, 25pr, UTP, PVC Jkt, CMR
2022 Belden, Inc
1245A2 BELDEN-1245A2 Datasheet
166Kb / 3P
CAT3 Horizontal, 4pr, UTP, LS-PVC Jkt, CMP
2022 Belden, Inc
ATMM100 BELDEN-ATMM100 Datasheet
187Kb / 4P
CAT3 Backbone, 100pr, Armor Shield, PVC Jkt, CMR
2022 Belden, Inc
ATMM25 BELDEN-ATMM25 Datasheet
176Kb / 3P
CAT3 Backbone, 25pr, Armor Shield, PVC Jkt, CMR
2022 Belden, Inc
ATMM300 BELDEN-ATMM300 Datasheet
188Kb / 4P
CAT3 Backbone, 300pr, Armor Shield, PVC Jkt, CMR
2022 Belden, Inc
DIW6 BELDEN-DIW6 Datasheet
166Kb / 3P
CAT3 Backbone, 6pr, UTP, PVC Jkt, CMR
2022 Belden, Inc
DPLN300 BELDEN-DPLN300 Datasheet
185Kb / 4P
CAT3 Backbone, 300pr, UTP, LS-PVC Jkt, CMP
2022 Belden, Inc
9550 BELDEN-9550 Datasheet
144Kb / 2P
RS232, #24-50pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
01-20-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com