Electronic Components Datasheet Search
  English  ▼

X  

GS1A Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # GS1A
Description  SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 1000 Volts CURRENT - 1.0 Ampere)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GS1A Datasheet(HTML) 2 Page - Pan Jit International Inc.

  GS1A Datasheet HTML 1Page - Pan Jit International Inc. GS1A Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TEMPERATURE C
O
Fig. 1- DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
RATING AND CHARACTERISTIC CURVES
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig. 2- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISITCS PER ELEMENT
PERCENT OF PEAK REVERSE VOLTAGE
Fig. 3- TYPICAL REAK REVERSE CHARACTERISTICS
NO. OF CYCLES AT 62Hz
Fig. 4- MAXIMUM NON-REPETITEVE PEAK
FORWARD SURGE CURRENT
3.0
2.0
1.0
0
0
50
100
150
100
40
20
10
4.0
2.0
1.0
0.4
0.2
0.1
0.6
0.8
1.0
1.2
1.4
1.6
1.8
25
20
15
10
5
0
1
2
6
10
20
40
60
100
0.4
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
P.C.B MOUNTED
ON 0.315 X 0.315" ( 8.0 X 8.0mm )
COPPER PAD AREAS
0.5
1.5
2.5
REVERSE VOLTAGE, VOLTS
Fig. 6- TYPICL JUNCTION CAPACITANCE PER ELEMENT
10
0.1
1.0
100
1000
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
O
1
2
5
10
20
50
100
HEATING TIME(SEC)
Fig. 5- TRANSIENT THERMAL IMPEDANCE
10
0.1
1.0
100
1
2
5
10
20
50
100
Units Mounted On 20in (5.4mm )
+0.5mil inches(0.013mm)
Thick Copper Land Areas
22
0.01
100
1.0
0.01
20
40
60
80
100
120
T =75 C
J
O
T =25 C
J
O
T =100 C
J
O
140
0.001
0.1
0
10
30



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com