| Electronic Components Datasheet Search |
|
AM29DL16XC Datasheet(PDF) 14 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29DL16XC Datasheet(HTML) 14 Page - Advanced Micro Devices |
|
14 / 51 page ![]() 14 Am29DL16xC P R E L I M I NARY Sector/Sector Block Protection and Unprotection (Note: For the following discussion, the term “sector” applies to both sectors and sector blocks. A sector block consists of two or more adjacent sectors that are protected or unprotected at the same time (see Tables 8 and 9). Table 8. Top Boot Sector/Sector Block Addresses for Protection/Unprotection Table 9. Bottom Boot Sector/Sector Block Addresses for Protection/Unprotection The hardware sector protection feature disables both program and erase operations in any sector. The hard- ware sector unprotection feature re-enables both program and erase operations in previously protected sectors. Sector protection and unprotection can be im- plemented via two methods. The primary method requires V ID on the RESET# pin only, and can be implemented either in-system or via programming equipment. Figure 2 shows the algo- rithms and Figure 25 shows the timing diagram. This method uses standard microprocessor bus cycle tim- ing. For sector unprotect, all unprotected sectors must first be protected prior to the first sector unprotect write cycle. The alternate method intended only for programming equipment requires V ID on address pin A9 and OE#. This method is compatible with programmer routines written for earlier 3.0 volt-only AMD flash devices. Publication number 22243 contains further details; contact an AMD representative to request a copy. The device is shipped with all sectors unprotected. AMD offers the option of programming and protecting sectors at its factory prior to shipping the device through AMD’s ExpressFlash™ Service. Contact an AMD representative for details. It is possible to determine whether a sector is pro- tected or unprotected. See the Autoselect Mode section for details. Sector / Sector Block A19–A12 Sector / Sector Block Size SA0 00000XXX 64 Kbytes SA1-SA3 00001XXX, 00010XXX, 00011XXX 192 (3x64) Kbytes SA4-SA7 001XXXXX 256 (4x64) Kbytes SA8-SA11 010XXXXX 256 (4x64) Kbytes SA12-SA15 011XXXXX 256 (4x64) Kbytes SA16-SA19 100XXXXX 256 (4x64) Kbytes SA20-SA23 101XXXXX 256 (4x64) Kbytes SA24-SA27 110XXXXX 256 (4x64) Kbytes SA28-SA30 11100XXX, 11101XXX, 11110XXX 192 (3x64) Kbytes SA31 11111000 8 Kbytes SA32 11111001 8 Kbytes SA33 11111010 8 Kbytes SA34 11111011 8 Kbytes SA35 11111100 8 Kbytes SA36 11111101 8 Kbytes SA37 11111110 8 Kbytes SA38 11111111 8 Kbytes Sector / Sector Block A19–A12 Sector / Sector Block Size SA38 11111XXX 64 Kbytes SA37-SA35 11110XXX, 11101XXX, 11100XXX 192 (3x64) Kbytes SA34-SA31 110XXXXX 256 (4x64) Kbytes SA30-SA27 101XXXXX 256 (4x64) Kbytes SA26-SA23 100XXXXX 256 (4x64) Kbytes SA22-SA19 011XXXXX 256 (4x64) Kbytes SA18-SA15 010XXXXX 256 (4x64) Kbytes SA14-SA11 001XXXXX 256 (4x64) Kbytes SA10-SA8 00001XXX, 00010XXX, 00011XXX 192 (3x64) Kbytes SA7 00000111 8 Kbytes SA6 00000110 8 Kbytes SA5 00000101 8 Kbytes SA4 00000100 8 Kbytes SA3 00000011 8 Kbytes SA2 00000010 8 Kbytes SA1 00000001 8 Kbytes SA0 00000000 8 Kbytes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |