Electronic Components Datasheet Search
  English  ▼

X  

AM5665M28 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AM5665M28
Description  5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5665M28 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AM5665M28 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AM5665M28 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AM5665M28 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM5665M28 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM5665M28 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM5665M28 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM5665M28 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM5665M28 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM5665M28 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5665
Preliminary Datasheet
1
Apr. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
General Description
The AM5665 is a 5-channel BTL driver IC, in which
two channels drive DC motor, two channels with cur-
rent feedback drive the coils, such as the focus and the
tracking actuator of DVD player, and the other one
channel drives the bi-direction DC motor for tray.
The AM5665 is available in standard HSOP-28 pack-
age.
Features
·
2-Channel DC Motor BTL Driver
·
2-Channel BTL Driver for Coils with Current
Feedback
·
1-Channel Forward/Reverse Control DC Motor
Driver
·
Built-in Thermal Shutdown Circuit
·
Built-in Standby Circuit
·
Operating Voltage: 4.5 to 8.0V
Applications
·
DVD Player
Figure 1. Package Type of AM5665
HSOP-28


Similar Part No. - AM5665M28

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM5668 ETC1-AM5668 Datasheet
136Kb / 2P
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5668 BCDSEMI-AM5668 Datasheet
126Kb / 14P
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
List of Unclassifed Man...
AM5668M28 ETC1-AM5668M28 Datasheet
136Kb / 2P
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5668M28 BCDSEMI-AM5668M28 Datasheet
126Kb / 14P
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
List of Unclassifed Man...
AM5668M28-E1 ETC1-AM5668M28-E1 Datasheet
136Kb / 2P
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
More results

Similar Description - AM5665M28

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM5668 ETC1-AM5668 Datasheet
136Kb / 2P
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5669 BCDSEMI-AM5669 Datasheet
172Kb / 14P
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5668 BCDSEMI-AM5668 Datasheet
126Kb / 14P
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5680 BCDSEMI-AM5680 Datasheet
133Kb / 13P
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5954A BCDSEMI-AM5954A Datasheet
139Kb / 13P
4-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
Unisonic Technologies
UA8868 UTC-UA8868 Datasheet
207Kb / 6P
5-CHANNEL BTL DRIVER FOR DVD PLAYER
UA8868S UTC-UA8868S_15 Datasheet
120Kb / 6P
5-CHANNEL BTL DRIVER FOR DVD PLAYER
logo
AMtek SEMICONDUCTORS CO...
AM5766FM AMTEK-AM5766FM Datasheet
379Kb / 10P
5-channel BTL Driver for DVD player
Aug 2012 V1.5
AM5888S AMTEK-AM5888S Datasheet
99Kb / 10P
5-channel BTL Driver for DVD player
Oct 2005 V1.3
AM5890S AMTEK-AM5890S Datasheet
121Kb / 11P
5-channel BTL Driver for DVD player
May 2010 V1.6T
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com