Electronic Components Datasheet Search
  English  ▼

X  

AMC7580 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AMC7580
Description  7A LOW DROPOUT REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AMC7580 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AMC7580 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 9Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 10Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 11Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AMC DOC. #: AMC7580_E (LF)
AMC7580
Feb 2005
7A LOW DROPOUT REGULATOR
Maximum Power Calculation:
TJ(MAX) – TA(MAX)
PD(MAX)=
θ
JA
TJ(
OC): Maximum recommended junction temperature
TA(
OC): Ambient temperature of the application
θ
JA(
OC/W): Junction-to-junction temperature thermal resistance of the package, and other heat dissipating
materials.
The maximum power dissipation of a single-output regulator :
PD(MAX) = [(VIN(MAX) - VOUT(NOM))] × IOUT(NOM) + VIN(MAX) × IQ
Where: VOUT(NOM) = the nominal output voltage
IOUT(NOM) = the nominal output current, and
IQ = the quiescent current the regulator consumes at IOUT(MAX)
VIN(MAX) = the maximum input voltage
Then
θ
JA = (150
OC – TA) / PD
Thermal consideration:
When power consumption is over about 1.2W( at 70oC ambient temperature), additional heat sink is required to control the
junction temperature below 125OC.
The junction temperature is: Tj = P D (θJT + θCS + θSA ) + T A
P D:Dissipated power.
θJT:Thermal resistance from the junction to the mounting tab of the package.
θCS:  Thermal resistance through the interface between the IC and the surface on which it is mounted. (typically,
θCS < 1.0 °C / W)
θSA:Thermal resistance from the mounting surface to ambient (thermal resistance of the heat sink).
If PC Board copper is going to be used as a heat sink, below table can be used to determine the appropriate size of
copper foil required. For multi-layered PCB, these layers can also be used as a heat sink. They can be connected with
several through hole vias.
PCB
θSA (°C / W )
59
45
38
33
27
24
21
PCB heat sink size (mm2) 500
1000
1500
2000
3000
4000
5000
Recommended figure of PCB area used as a heat sink.
through hole vias
(Bottom View)
(Top View)
Copyright
© 2002, ADD Microtech Corp.
10
www.addmtek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com