Electronic Components Datasheet Search
  English  ▼

X  

GS1J Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # GS1J
Description  SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 1000 Volts CURRENT - 1.0 Ampere)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GS1J Datasheet(HTML) 1 Page - Pan Jit International Inc.

  GS1J Datasheet HTML 1Page - Pan Jit International Inc. GS1J Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GS1A~GS1M
FEATURES
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Easy pick and place
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• Glass passivated chip junction
• High temperature soldering : 260°C /10 seconds at terminals
MECHANICAL DATA
Case: JEDEC DO-214AC molded plastic
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Indicated by cathode band
Standard packaging: 12mm tape (EIA-481)
Weight: 0.002 ounce, 0.064 gram
SURFACE MOUNT RECTIFIER
VOLTAGE- 50 to 1000 Volts CURRENT - 1.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current,
at TL=75°C
Peak Forward Surge Current 8.3ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.0A
Maximum DC Reverse Current
TA=25°C
at Rated DC Blocking Voltage
TA=125°C
Maximum Reverse Recovery Time(Note 1) TJ=25°C
Typical Junction Capacitance (Note 2)
Maximum Thermal Resistance(Note 3) R
θJA
Operating and Storage Temperature Range
1.0
30.0
1.10
5.0
2.5
12
30.0
-55 to +150
V
V
V
A
A
V
µA
µs
pF
UNIT
°C/ W
NOTES:1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, Irr=0.25A
2. Measured at 1 MHz and applied Vr = 4.0 volts.
3. 8.0 mm2 ( .013mm thick ) land areas.
50.0
µA
°C
SMA / DO-214AC
Unit: inch ( mm )
.157 (4.00)
.181 (4.60)
.006 (.152)
.012 (.305)
.008(.203)
.002(.051)
.188 (4.80)
.208 (5.28)
.030 (0.76)
.060 (1.52)
SYMBOLS
V
RRM
V
RMS
V
DC
I(AV)
I
FSM
V
F
I
R
T
RR
C
J
R
θJA
T
J,TSTG
DATA SHEET
GS1A
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
100
GS1B
GS1D
GS1G
GS1J
GS1K
GS1M


Similar Part No. - GS1J

ManufacturerPart #DatasheetDescription
logo
Surge Components
GS1J SURGE-GS1J Datasheet
85Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere?
logo
Transys Electronics
GS1J TRSYS-GS1J Datasheet
172Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Jinan Gude Electronic D...
GS1J JGD-GS1J Datasheet
149Kb / 2P
1.0 AMP. SURFACE MOUNT RECTIFIERS
logo
Dc Components
GS1J DCCOM-GS1J Datasheet
417Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
logo
Micro Commercial Compon...
GS1J MCC-GS1J Datasheet
619Kb / 3P
1 Amp Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - GS1J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S1A PANJIT-S1A Datasheet
74Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
GS1A SURGE-GS1A Datasheet
85Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere?
S1A SURGE-S1A Datasheet
86Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere???
logo
Rectron Semiconductor
FM4001W RECTRON-FM4001W Datasheet
23Kb / 2P
SURFACE MOUNT SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
List of Unclassifed Man...
GS1A ETC-GS1A Datasheet
51Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER VOLTAGE - 50 TO 1000 VOLTS CURRENT - 1.0 AMPERE
logo
DAESAN ELECTRONIC CORP.
1N4001A DAESAN-1N4001A Datasheet
304Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
RL101FG DAESAN-RL101FG Datasheet
316Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
Rectron Semiconductor
HL101W RECTRON-HL101W Datasheet
260Kb / 4P
SURFACE MOUNT SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
SA1 RECTRON-SA1 Datasheet
314Kb / 4P
SURFACE MOUNT SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
SA1L RECTRON-SA1L Datasheet
317Kb / 4P
SURFACE MOUNT SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com