Electronic Components Datasheet Search
  English  ▼

X  

AM29DL16XCB70ZIB Datasheet(PDF) 48 Page - Advanced Micro Devices

Part # AM29DL16XCB70ZIB
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL16XCB70ZIB Datasheet(HTML) 48 Page - Advanced Micro Devices

Back Button AM29DL16XCB70ZIB Datasheet HTML 43Page - Advanced Micro Devices AM29DL16XCB70ZIB Datasheet HTML 44Page - Advanced Micro Devices AM29DL16XCB70ZIB Datasheet HTML 45Page - Advanced Micro Devices AM29DL16XCB70ZIB Datasheet HTML 46Page - Advanced Micro Devices AM29DL16XCB70ZIB Datasheet HTML 47Page - Advanced Micro Devices AM29DL16XCB70ZIB Datasheet HTML 48Page - Advanced Micro Devices AM29DL16XCB70ZIB Datasheet HTML 49Page - Advanced Micro Devices AM29DL16XCB70ZIB Datasheet HTML 50Page - Advanced Micro Devices AM29DL16XCB70ZIB Datasheet HTML 51Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
48
Am29DL16xC
P R E L I M I NARY
PHYSICAL DIMENSIONS
FBC048—48-Ball Fine-Pitch Ball Grid Array (FBGA) 8 x 9 mm (measured in millimeters)
.25
.10
M
ZA B
M
Z
0.20 (4X)
0.25
0.35
0.84
0.94
0.20
0.30
1.00
1.20
0.10 Z
0.25 Z
8.00 BSC
9.00 BSC
5.60 BSC
16-038-FBA-2_AA
ET153
11.6.98 lv
A
B
Z
0.80
BSC
4.00 BSC
PIN 1 ID
0.40
BSC.
0.40 BSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com