Electronic Components Datasheet Search
  English  ▼

X  

2CG010BBC12N Datasheet(PDF) 2 Page - TAMURA Corporation.

Part # 2CG010BBC12N
Description  Gate Driver Module 2CG010BBC14N
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAMURA [TAMURA Corporation.]
Direct Link  https://www.tamuracorp.com/
Logo TAMURA - TAMURA Corporation.

2CG010BBC12N Datasheet(HTML) 2 Page - TAMURA Corporation.

  2CG010BBC12N Datasheet HTML 1Page - TAMURA Corporation. 2CG010BBC12N Datasheet HTML 2Page - TAMURA Corporation. 2CG010BBC12N Datasheet HTML 3Page - TAMURA Corporation. 2CG010BBC12N Datasheet HTML 4Page - TAMURA Corporation. 2CG010BBC12N Datasheet HTML 5Page - TAMURA Corporation. 2CG010BBC12N Datasheet HTML 6Page - TAMURA Corporation. 2CG010BBC12N Datasheet HTML 7Page - TAMURA Corporation. 2CG010BBC12N Datasheet HTML 8Page - TAMURA Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2CG010BBC14N Datasheet
■Circuit Image
■Pin Connection
Input
Output
/
TAMURA CORPORATION
TMRDM0068EN
Rev.1.01 Nov. 2021
VO2+
DST2
2
6
9
RTC
-
Mode select
7
ALM2
2
Alarm signal output
Common
Power supply for DC/DC converter(ー)
-
Power supply for drive circuit
1
Dead time adjustment
-
Recovery time of protection circuit control
12
GND
10
INA
11
INB
1
Control input A
2
27
DST1
2
DC/DC converter output pin
28
VGH2
2
Gate ON side pin
30
Soft turn off pin
31
MCL2
2
Miller clamp pin
5
DTC2
17
VO1+
1
2
Dead time adjustment
1
Alarm signal output
Control input B
-
Ground for drive circuit
MOD
26
23
NONE
-
None
24
DTC1
2
Desaturation protection pin
25
VO2-
22
NONE
-
None
2
DC/DC converter output pin
E/S2
2
Emitter・source connection pin
1
VIN+
13
DC/DC converter output pin
6
ALM1
VGH1
1
1
Soft turn off pin
8
1
Emitter・source connection pin
19
VO1-
1
DC/DC converter output pin
20
Pin No.
Name
Pin No.
Name
CH
Function
MCL1
1
Miller clamp pin
Common
Power supply for DC/DC converter(+)
CH
Function
21
NONE
-
None
16
Gate ON side pin
3
VCC
15
VGL1
1
18
E/S1
Gate OFF side pin
4
1
Desaturation protection pin
2
VIN-
14
STO1
29
VGL2
2
Gate OFF side pin
STO2
2
1 VIN+
2 VIN-
3 VCC
4 DTC1
5 DTC2
6 ALM1
7 ALM2
8 MODE
9 RTC
10 INA
11 INB
12 GND
MCL2 31
STO2 30
VGL2 29
VGH2 28
VO2+ 27
E/S2 26
DST2 24
VO2- 25
MCL1 13
STO1 14
VGL1 15
VGH1 16
VO1+ 17
E/S1 18
DST1 20
VO1- 19
Power supply (VIN+)
Power supply (VCC)
Ground (VIN-)
Ground (GND)
Alarm output (CH1 Gate)
Alarm output (CH2 Gate)
Signal input (CH1 Gate)
Signal input (CH2 Gate)
Product
Power module



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com