Electronic Components Datasheet Search
  English  ▼

X  

HRDI Datasheet(PDF) 1 Page - Littelfuse

Part # HRDI
Description  Interval Timer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

HRDI Datasheet(HTML) 1 Page - Littelfuse

  HRDI Datasheet HTML 1Page - Littelfuse HRDI Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Time Delay Relays
Dedicated - Interval
www.littelfuse.com/hrdi
Rev: 1-A-062116
HRDI SERIES
Description
The HRDI Series combines an electromechanical relay output
with microcontroller timing circuitry. It offers 12 to 230V
operation in five ranges and factory fixed, external, or onboard
adjustable time delays with a repeat accuracy of ±0.5%. The
output contact rating allows for direct operation of heavy loads,
such as compressors, pumps, blower motors, heaters, etc. This
series is ideal for OEM applications where cost is a factor.
Operation (Interval)
Upon application of input voltage, the time delay begins. The
output relay is energized during the time delay. At the end of the
time delay, the output de-energizes and remains de-energized
until input voltage is removed.
Reset: Removing input voltage resets the time delay and
the output.
Features & Benefits
FEATURES
BENEFITS
Microcontroller based
Repeat Accuracy +/- 0.5%
Compact, low
cost design
Allows flexiblility for OEM applications
Isolated, 30A, SPDT,
NO output contacts
Allows direct operation of heavy loads:
compressors, pumps, blower moters, heaters.
Encapsulated
Protects against shock, vibration, and humidity.
Accessories
P1004-95, P1004-95-X Versa-Pot
Panel mountable, industrial potentiometer
recommended for remote time delay adjustment.
P1023-6 Mounting bracket
The 90° orientation of mounting slots makes
installation/removal of modules quick and easy.
P0700-7 Versa-Knob
Designed for 0.25 in (6.35 mm) shaft of
Versa-Pot. Semi-gloss industrial black finish.
P1015-13 (AWG 10/12), P1015-64 (AWG 14/16)
Female Quick Connect
These 0.25 in. (6.35 mm) female terminals are
constructed with an insulator barrel to provide
strain relief.
P1015-18 Quick Connect to Screw Adapter
Screw adapter terminal designed for use with
all modules with 0.25 in. (6.35 mm) male quick
connect terminals.
C103PM (AL) DIN Rail
35 mm aluminum DIN rail available in a 36 in.
(91.4 cm) length.
P1023-20 DIN Rail Adapter
Allows module to be mounted on a 35 mm DIN
type rail with two #10 screws.
L1
N/L2
C = Common,Transfer
Contact
NO = Normally Open
L = Load
NOTE: A knob, or
terminals 4 & 5 are only
included on adjustable
units. RTTis used when
external adjustment is
ordered. Relay contacts
are not isolated.
IntervalTimer
Wiring Diagram
Ordering Information
MODEL
INPUT VOLTAGE
ADJUSTMENT
TIME DELAY
HRDI117S
12VDC
Fixed
7s
HRDI421
120VAC
Onboard
1 - 100s
HRDI422
120VAC
Onboard
10 - 1000s
If you don’t find the part you need, call us for a custom product 800-843-8848


Similar Part No. - HRDI

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
HRD-1641 HANWHAVISION-HRD-1641 Datasheet
897Kb / 4P
16CH 4M H.264 AHD DVR
HRD-1642 HANWHAVISION-HRD-1642 Datasheet
542Kb / 4P
16CH 4M H.264 AHD DVR
HRD-440 HANWHAVISION-HRD-440 Datasheet
762Kb / 4P
4CH 4M H.264 AHD DVR
HRD-442 HANWHAVISION-HRD-442 Datasheet
412Kb / 4P
4CH 4M H.264 AHD DVR
HRD-840 HANWHAVISION-HRD-840 Datasheet
762Kb / 4P
8CH 4M H.264 AHD DVR
More results

Similar Description - HRDI

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP8253 TOSHIBA-TMP8253 Datasheet
319Kb / 14P
PROGRAMMABLE INTERVAL TIMER
TMP82C53 TOSHIBA-TMP82C53 Datasheet
326Kb / 15P
PROGRAMMABLE INTERVAL TIMER
TMP82C54 TOSHIBA-TMP82C54 Datasheet
556Kb / 26P
PROGRAMMABLE INTERVAL TIMER
logo
Intel Corporation
8253 INTEL-8253 Datasheet
700Kb / 11P
PROGRAMMABLE INTERVAL TIMER
8254 INTEL-8254 Datasheet
835Kb / 21P
PROGRAMMABLE INTERVAL TIMER
logo
NEC
UPD8253 NEC-UPD8253 Datasheet
419Kb / 11P
PROGRAMMABLE INTERVAL TIMER
logo
Samsung semiconductor
KS82C54 SAMSUNG-KS82C54 Datasheet
953Kb / 15P
PROGRAMMABLE INTERVAL TIMER
logo
Digital Core Design
D8254 DCD-D8254 Datasheet
132Kb / 4P
Programmable Interval Timer
logo
Littelfuse
KSD2 LITTELFUSE-KSD2 Datasheet
530Kb / 2P
Interval Timer
2016 Rev: 1-A-062116
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
CMOS Programmable Interval Timer
Sep 15, 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com