Electronic Components Datasheet Search
  English  ▼

X  

L160D Datasheet(PDF) 4 Page - Nippon Pulse America, Inc.

Part # L160D
Description  Linear Shaft Motor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

L160D Datasheet(HTML) 4 Page - Nippon Pulse America, Inc.

  L160D Datasheet HTML 1Page - Nippon Pulse America, Inc. L160D Datasheet HTML 2Page - Nippon Pulse America, Inc. L160D Datasheet HTML 3Page - Nippon Pulse America, Inc. L160D Datasheet HTML 4Page - Nippon Pulse America, Inc. L160D Datasheet HTML 5Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.nipponpulse.com
For assistance in selecting the best motor for your application, contact Nippon Pulse
to speak with an applications engineer. 1-540-633-1677
Shaft Diameter (D) - 16mm ±0.1
Stroke
Support Length (L2)
Max. Bending
0~350
25mm
0.00mm
351~500
40mm
0.30mm
501~800
40mm
0.50mm
801~max
60mm
0.50mm
Support and Bending
Total Length (L)=Stroke (S)+Forcer Length(A)
+(Support Length (L2)x2)
Spec
L160T
L160Q
Forcer Spacing Distance
10mm
Pole (N/S) Distance
30mm
Forcer Length
110mm
140mm
Flip Forcers
No
Yes
Forcer Spacing Distance
Forcer Spacing Distance
Tandem Forcer
Tandem L160D forcers are possible, but are
equivalent to one (1) L160Q forcer and thus are
not listed above.
Receptacle Housing
XMR-03V
Plug Housing
XMP-03V
Retainer
XMS-03V
Pin Contact
SXM-001T-P0.6
Socket Contact
SXA-001T-P0.6
Connector (Motor Cable)
To be installed by the user.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com