Electronic Components Datasheet Search
  English  ▼

X  

L250TS Datasheet(PDF) 2 Page - Nippon Pulse America, Inc.

Part # L250TS
Description  Linear Shaft Motor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

L250TS Datasheet(HTML) 2 Page - Nippon Pulse America, Inc.

  L250TS Datasheet HTML 1Page - Nippon Pulse America, Inc. L250TS Datasheet HTML 2Page - Nippon Pulse America, Inc. L250TS Datasheet HTML 3Page - Nippon Pulse America, Inc. L250TS Datasheet HTML 4Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.nipponpulse.com
Forcer Specs
L250SSS
L250SS
L250DS
L250TS
L250QS
Forcer Length (A)
30mm (1.18in)
50mm (1.97in)
80mm (3.15in)
110mm (4.33in)
140mm (5.51in)
Forcer Width
56mm (2.2in)
Forcer Screw Pitch (P)
20mm (0.79in)
40mm (1.57in)
70mm (2.8in)
100mm (3.94in)
130mm (5.12in)
Forcer Weight
0.24kg (0.53lbs)
0.43kg (0.95lbs)
0.72kg (1.59lbs)
1.0kg (2.20lbs)
1.4kg (3.09lbs)
Gap
2.0mm (0.08in)
Screw
M4
Tightening Torque
1.5 Nm
Note: Cable length 300mm. The bending radius of the motor cable should be 36.6mm (wire diameter 6.1 * 6) as suggested
by the wire manufacturer. This radius should be maintained. Use supplied connector to attach the proper high-flex cable as
required by your application.
L = See Shaft Length
L1 = Usable Stroke + A
L2 = See Support Length
A = See Forcer Length
P = See Forcer Screw Pitch
Tolerances are as follows:
Dimension (mm)
0 -
6
7 - 30
31 - 120
121 - 315
316 - 1000
1001 - 2000
2000 -
Tolerance (mm)
±0.1
±0.2
±0.3
±0.5
±0.8
±1.2
±1.5
Unless otherwise specified,
dimensions are in mm
Note: Metric units guaranteed. Imperial (United States customary) units are calculated.
L250SSS:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com