Electronic Components Datasheet Search
  English  ▼

X  

PCD4641A Datasheet(PDF) 2 Page - Nippon Pulse America, Inc.

Part # PCD4641A
Description  Economical Motion Controllers for Stepper Motors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

PCD4641A Datasheet(HTML) 2 Page - Nippon Pulse America, Inc.

  PCD4641A Datasheet HTML 1Page - Nippon Pulse America, Inc. PCD4641A Datasheet HTML 2Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Item
Description
Available Configurations
1/2/4 axis
Max Output Speed
2.4 Mpps (with max. 10 MHz reference clock)
Position Range per Axis
0 to 16,777,215 pulses (24 bits)
Speed Range per Axis
1 to 8,191 steps (13 bits)
Acceleration Rate Range per Axis
1 to 65,535 (16 bit per axis)
(Common to Acceleration/Deceleration)
Deceleration Rate Range per Axis
Mechanical sensor input per Axis
ORG, +EL , -EL,+SD, -SD
Excitation Sequence Output per Axis
Full/Half step Unipolar/Bipolar
Pulse Output
CW/CCW Pulse/Direction
Typical operations
- Continuous operation
- Origin return operation
- Positioning operation
- Timer operation
Typical functions
- Linear acceleration and deceleration
- S-curve acceleration and deceleration
- Immediate stop and decelerating stop
- Speed change
- External start and external stop function
- Idling pulse output function
- Excitation sequencing output for 2-phase stepper motor
- 4 general-purpose IO ports/axis (can also be used as sequence output)
- 6 common ports (available only with serial I/F)
Number of Registers for Speed Setting per Axis
2 (FL, FH)
CPU Interface
Parallel I/F: 8 bit
Serial I/F: synchronous 4-wire serial
Power Supply
3.0 to 3.6 V
Package
PCD4611A: 48 pin QFP (mold section :7.0× 7.0 mm)
PCD4621A: 64 pin QFP (mold section :10.0×10.0 mm)
PCD4641A: 100 pin QFP (mold section :14.0×14.0 mm)
Chip design
CMOS (Complementary Metal-Oxide Semiconductor)
General Specifications
Nippon Pulse
Your Partner in Motion Control
www.nipponpulse.com • info@nipponpulse.com • 540-633-1677
NPA15-0502



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com