Electronic Components Datasheet Search
  English  ▼

X  

PC6115 Datasheet(PDF) 1 Page - Nippon Pulse America, Inc.

Part # PC6115
Description  Controller Chip
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

PC6115 Datasheet(HTML) 1 Page - Nippon Pulse America, Inc.

  PC6115 Datasheet HTML 1Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCL61x5
Controller Chip
Nippon Pulse
Your Partner in Motion Control
Specifications
PC6115
PCL6125
PCL6145
Number of axes
1
2
4
Max. Output Frequency
9.8Mpps (Max. 15 Mpps)
CPU Interface
8/16 bit parallel bus I/F
4 Serial bus I/F
Package Type
80 pin QFP
128 pin QFP
176 pin QFP
Power Supply Voltage
+3.0V ~ +3.6V
Standard Reference Clock (Max.)
19.6608MHz (Max. 30 MHz)
No. Speed Setting Registers
2 (FL, FH)
Speed Setting Step Range
1 ~ 16,383 (14 bit)
Speed Multiplication Rate Range
0.3 ~ 600x
Acceleration Rate Setting Range
1 ~ 65,535 (16 bit)
Deceleration Rate Setting Range
1 ~ 65,535 (16 bit)
No. of Positioning Pulse Setting Range
-2,147,483,648 ~ +2,147,483,647 (32 bit)
Slow-down Point Setting Range
0 ~ 16,777,215 (24 bit)
External Dimensions (Mold Part)
12x12 mm
14x14 mm
24 x 24 mm
Operating Temp. Range
-40 ~ +85°C
S-Curve
Yes
Encoder Input
Yes, each axis
Up/Down Counter (Present Position Counter)
Yes, each axis (32 bit x2)
Comparators
Yes, each axis (32 bit x 4) (Software limit only x2)
Interrupt Signal Output
Yes (32 factors)
Prebuffer/Preregister
Yes (1 stage)
Automatic Start
Yes
Pulser Input
Yes, each axis (no multiplication/division function)
Linear Interpolation
Yes
Continuous Interpolation
Yes
General Purpose I/O Terminal
Yes (8 points each axis)
Ring Count Function
Yes
Programmed Soft Limit
Yes
Interface
Yes
RoHS2 Compliant
Yes
Standard maximum output rate is the rate available with the reference clock input and the maximum rate in parenthesis, with the maximum reference clock input.
www.nipponpulse.com
Nippon Pulse’s PCL61x5 series of controller chips are
pulse control LSIs designed to output high-speed
pulses for stepper motor or servomotor control while
reducing the burden on the CPU. Advanced features
can be controlled through simple commands.


Similar Part No. - PC6115

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC61 ETC-PC61 Datasheet
721Kb / 7P
80 AMPERE MINIATURE DIRECT CURRENT CONTACTORS
logo
TE Connectivity Ltd
PC610 TEC-PC610 Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Picker Components
PC615 PICKER-PC615 Datasheet
178Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC615-12C PICKER-PC615-12C Datasheet
178Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC615-12CH PICKER-PC615-12CH Datasheet
178Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
More results

Similar Description - PC6115

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7230-8272 SANYO-LC7230-8272 Datasheet
537Kb / 22P
Single-chip PLL Controller
LC7232-8291 SANYO-LC7232-8291 Datasheet
865Kb / 35P
1-Chip PLL Controller
logo
Dallas Semiconductor
DS1210 DALLAS-DS1210 Datasheet
69Kb / 6P
Nonvolatile Controller Chip
logo
List of Unclassifed Man...
NAT9914BPL ETC1-NAT9914BPL Datasheet
230Kb / 10P
IEEE 488.2 Controller Chip
GP522 ETC1-GP522 Datasheet
77Kb / 8P
GP522 Controller Chip
FT639 ETC1-FT639 Datasheet
60Kb / 7P
Servo Controller Chip
logo
Intel Corporation
AN82526 INTEL-AN82526 Datasheet
255Kb / 9P
controller area network chip
logo
STMicroelectronics
STA2051GO STMICROELECTRONICS-STA2051GO Datasheet
59Kb / 4P
Single Chip GPS Controller
10-Jan-2006
logo
Dallas Semiconductor
DS1210 DALLAS-DS1210_03 Datasheet
137Kb / 6P
Nonvolatile Controller Chip
logo
Maxim Integrated Produc...
DS1210 MAXIM-DS1210 Datasheet
363Kb / 8P
Nonvolatile Controller Chip
19-6294; Rev 6/12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com