Electronic Components Datasheet Search
  English  ▼

X  

PJPL28 Datasheet(PDF) 1 Page - Nippon Pulse America, Inc.

Part # PJPL28
Description  Linear Hybrid Steppers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

PJPL28 Datasheet(HTML) 1 Page - Nippon Pulse America, Inc.

  PJPL28 Datasheet HTML 1Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PJPL28
Linear Hybrid Steppers
Specifications
Drive Settings
Rated Current: 0.95A
Winding Resistance: 2.8Ω
Resolution: 5μm
Drive Mode: Rated Current
Drive Condition: 24V, 2-2
Thrust Force
Frequency (pps)
Speed (mm/sec)
100
0.5
200
1.0
300
1.5
400
2.0
500
2.5
1000
5.0
2000
10.0
3000
15.0
4000
20.0
5000
25.0
PJPL 28 32 E 6 (100) -xx
1
2
3 4 5
6
7
Part Numbering
1: Series Designation
2: Motor Size (28mm, 42mm)
3: Case Length (32=31.5mm,
33=33mm)
4: Winding (A: 2A; B: 1A; C: 0.5A;
D: 1.2A; E: 0.95A)
5: Lead wires (6 or 4)
6: Thread Pitch (100=1mm)
7: Custom Motor Indicator
Frequency (pps)
PJPL2832E6 (100)
0
10
20
30
40
50
60
1000
2000
3000
4000
5000
6000
7000
8000 9000
www.nipponpulse.com • info@nipponpulse.com • 540-633-1677
Nippon Pulse
Your Partner in Motion Control
*Screw shaft length: when the total shaft length is
96mm, the effective stroke is 40mm.
Specification
PJPL2832E6(100)
PJPL2832E4 (100)
Type of Winding
Unipolar
Bipolar
Excitation Mode*
Full step (2-2)
Resolution (travel/step)
0.005mm
Steps Per Revolution*
200
Stroke
40mm
Rated Voltage
2.66V
2.57V
Rated Current
0.95 A/ф
Resistance
2.8 Ω
2.7 Ω
Inductance
1.2 mH/ф
2.1 mH/ф
Operating Temp.
-10~+50 ˚C
Insulation Class
B
Insulation Resistance
100 MΩ
Dielectric Strength
500V (1 min.) AC V
Weight
110 g


Similar Part No. - PJPL28

ManufacturerPart #DatasheetDescription
logo
Nippon Pulse America, I...
PJPL42 NPM-PJPL42 Datasheet
154Kb / 1P
Linear Hybrid Steppers
PJPL4233D4 NPM-PJPL4233D4 Datasheet
154Kb / 1P
Linear Hybrid Steppers
PJPL4233D6 NPM-PJPL4233D6 Datasheet
154Kb / 1P
Linear Hybrid Steppers
More results

Similar Description - PJPL28

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK0029 ETC-STK0029 Datasheet
18Kb / 1P
HYBRID LINEAR IC
HLP190 ETC1-HLP190 Datasheet
59Kb / 2P
Range of Hybrid Linear Potentiometers
logo
M/A-COM Technology Solu...
PAW1027 MA-COM-PAW1027 Datasheet
66Kb / 1P
RF Linear Hybrid Amplifier
PAW1027-1 MA-COM-PAW1027-1 Datasheet
64Kb / 1P
RF Linear Hybrid Amplifier
PAW1027 MA-COM-PAW1027_15 Datasheet
66Kb / 1P
RF Linear Hybrid Amplifier
PAW1027-1 MA-COM-PAW1027-1_15 Datasheet
457Kb / 2P
RF Linear Hybrid Amplifier
logo
promoco-motors.com
39BYGL PROMOCO-39BYGL Datasheet
301Kb / 1P
Hybrid Linear Actuators
42BYGL PROMOCO-42BYGL Datasheet
319Kb / 1P
Hybrid Linear Actuators
57BYGHL PROMOCO-57BYGHL Datasheet
350Kb / 1P
Hybrid Linear Actuators
logo
Nippon Pulse America, I...
PJPL42 NPM-PJPL42 Datasheet
154Kb / 1P
Linear Hybrid Steppers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com