Electronic Components Datasheet Search
  English  ▼

X  

S200 Datasheet(PDF) 3 Page - Nippon Pulse America, Inc.

Part # S200
Description  Linear Shaft Motor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

S200 Datasheet(HTML) 3 Page - Nippon Pulse America, Inc.

  S200 Datasheet HTML 1Page - Nippon Pulse America, Inc. S200 Datasheet HTML 2Page - Nippon Pulse America, Inc. S200 Datasheet HTML 3Page - Nippon Pulse America, Inc. S200 Datasheet HTML 4Page - Nippon Pulse America, Inc. S200 Datasheet HTML 5Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.nipponpulse.com
Stroke
S200D
S200T
S200Q
100
244mm (9.6in)
280mm (11in)
316 (12.4in)
150
294mm (11.6in)
330mm (13in)
366mm (14.4in)
200
344mm (13.5in)
380 (15in)
416mm (16.4in)
250
394mm (15.5in)
430mm (16.9in)
466mm (18.3in)
300
444mm (17.5in)
480mm (18.9in)
516mm (20.3in)
350
524mm (20.6in)
560mm (22in)
596mm (23.5in)
400
574mm (22.6in)
610mm (24in)
646mm (25.4in)
450
624mm (24.6in)
660mm (26in)
696mm (27.4in)
500
674mm (26.5in)
710mm (28in)
746mm (29.4in)
550
724mm (28.5in)
760mm (29.9in)
796mm (31.3in)
600
774mm (30.5in)
810mm (31.9in)
846mm (33.3in)
650
824mm (32.4in)
860mm (33.9in)
896mm (35.3in)
700
874mm (34.4in)
910mm (35.8in)
946mm (37.2in)
750
964mm (38in)
1000mm (39.4in)
1036mm (40.8in)
800
1014mm (39.9in)
1050mm (41.3in)
1086mm (42.8in)
850
1064mm (41.9in)
1100mm (43.3in)
1136mm (44.7in)
900
1114mm (43.9in)
1150mm (45.3in)
1186mm (46.7in)
950
1164mm (45.8in)
1200mm (47.2in)
1236mm (48.7in)
1000
1214mm (47.8in)
1250mm (49.2in)
1286mm (50.6in)
1050
1264mm (49.8in)
1300mm (51.2in)
1336mm (52.6in)
1100
1314mm (51.7in)
1350mm (53.1in)
1386mm (54.6in)
1150
1364mm (53.7in)
1400mm (55.1in)
1436mm (56.5in)
1200
1414mm (55.7in)
1450mm (57.1in)
1486mm (58.5in)
1250
1464mm (57.6in)
1500mm (59.1in)
1536mm (60.5in)
1300
1514mm (59.6 in)
1550mm (61in)
1586mm (62.4in)
1350
1564mm (61.6in)
1600mm (63in)
1636mm (64.4in)
1400
1614mm (63.5in)
1650mm (65in)
1686mm (66.4in)
1450
1664mm (65.5in)
1700mm (66.9in)
1736mm (68.3in)
1500
1714mm (67.5in)
1750mm (68.9in)
1786mm (70.3in)
1550
1764mm (69.4in)
1800mm (70.9in)
1836mm (72.3in)
Shaft Length (L)
Shaft Mass
Stroke
S200D
S200T
S200Q
100
0.5kg (1lb)
0.6kg (1.2lb)
0.6kg (1.4lb)
150
0.6kg (1.3lb)
0.7kg (1.5lb)
0.7kg (1.6lb)
200
0.7kg (1.5lb)
0.8kg (1.7lb)
0.9kg (1.9lb)
250
0.8kg (1.8lb)
0.9kg (1.9lb)
1kg (2.1lb)
300
0.9kg (2lb)
1kg (2.2lb)
1.1kg (2.4lb)
350
1.1kg (2.3lb)
1.1kg (2.5lb)
1.2kg (2.7lb)
400
1.2kg (2.6lb)
1.2kg (2.7lb)
1.3kg (2.9lb)
450
1.3kg (2.8lb)
1.4kg (3lb)
1.4kg (3.2lb)
500
1.4kg (3lb)
1.5kg (3.2lb)
1.5kg (3.4lb)
550
1.5kg (3.3lb)
1.6kg (3.5lb)
1.6kg (3.6lb)
600
1.6kg (3.5lb)
1.7kg (3.7lb)
1.8kg (3.9lb)
650
1.7kg (3.8lb)
1.8kg (3.9lb)
1.9kg (4.1lb)
700
1.8kg (4lb)
1.9kg (4.2lb)
2kg (4.4lb)
750
2kg (4.3lb)
2kg (4.5lb)
2.1kg (4.7lb)
800
2.1kg (4.6lb)
2.2kg (4.8lb)
2.2kg (4.9lb)
850
2.2kg (4.8lb)
2.3kg (5lb)
2.3kg (5.2lb)
900
2.3kg (5.1lb)
2.4kg (5.2lb)
2.5kg (5.4lb)
950
2.4kg (5.3lb)
2.5kg (5.5lb)
2.6kg (5.7lb)
1000
2.5kg (5.6lb)
2.6kg (5.7lb)
2.7kg (5.9lb)
1050
2.6kg (5.8lb)
2.7kg (6lb)
2.8kg (6.1lb)
1100
2.7kg (6lb)
2.8kg (6.2lb)
2.9kg (6.4lb)
1150
2.8kg (6.3lb)
2.9kg (6.5lb)
3kg (6.6lb)
1200
3kg (6.5lb)
3kg (6.7lb)
3.1kg (6.9lb)
1250
3.1kg (6.8lb)
3.1kg (6.9lb)
3.2kg (7.1lb)
1300
3.2kg (7lb)
3.3kg (7.2lb)
3.3kg (7.4lb)
1350
3.3kg (7.3lb)
3.4kg (7.4lb)
3.4kg (7.6lb)
1400
3.4kg (7.5lb)
3.5kg (7.7lb)
3.6kg (7.8lb)
1450
3.5kg (7.7lb)
3.6kg (7.9lb)
3.7kg (8.1lb)
1500
3.6kg (8lb)
3.7kg (8.2lb)
3.8kg (8.3lb)
1550
3.7kg (8.2lb)
3.8kg (8.4lb)
3.9kg (8.6lb)
Additional stroke lengths are available (up to 2470mm for S200D, up to 2435mm for S200T, and up to 2390mm for S200Q).
Contact Nippon Pulse for more information.
Note: Metric units guaranteed. Imperial (United States customary) units are calculated.
300mm lead wire bare leads. The
bending radius of the motor cable
should be 16.96mm as suggested
by the wire manufacturer. FG type
with insulating sheet between coils
and case. Meets all requirements of
EN60034-1 (1998).
Wire Type
UL 1330
Wire AWG
20
Frame Ground
Green/Yellow
FG/FGA Type Motor Cable
Wire Type
UL 2464FA
Wire AWG
25
U Phase
Red
V Phase
White
W Phase
Black
Standard Lead Wire
300mm lead wire bare
leads. The bending radius of
the motor cable should be
26.4mm as suggested by the
wire manufacturer.
Ground Wire
Wire Type
UL 1330
Wire AWG
24
U Phase
Red
V Phase
White
W Phase
Black
FGA/CE Lead Wire Option



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com