Electronic Components Datasheet Search
  English  ▼

X  

S500 Datasheet(PDF) 3 Page - Nippon Pulse America, Inc.

Part # S500
Description  Linear Shaft Motor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

S500 Datasheet(HTML) 3 Page - Nippon Pulse America, Inc.

  S500 Datasheet HTML 1Page - Nippon Pulse America, Inc. S500 Datasheet HTML 2Page - Nippon Pulse America, Inc. S500 Datasheet HTML 3Page - Nippon Pulse America, Inc. S500 Datasheet HTML 4Page - Nippon Pulse America, Inc. S500 Datasheet HTML 5Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Shaft Diameter (D) - 50mm ±0.2
Stroke
Support Length
(L2)
Max. Bending
0~750
80mm
0.00mm
800~max.
100mm
0.15mm
Support and Bending
Spec
S500T
S500Q
Forcer Spacing Distance
30mm
Pole (N/S) Distance
90mm
Forcer Length
330mm
420mm
Flip Forcers
No
Yes
Forcer Spacing Distance
Forcer Spacing Distance
Tandem Forcer
Total Length (L)=Stroke (S)+Forcer Length (A)+
(Support Length (L2)x2)
Tandem S500D forcers are possible, but are equivalent
to one (1) S500Q forcer and thus are not listed above.
www.nipponpulse.com
Stroke
S500D
S500T
S500Q
100
Stroke is less than the electrical cycle length.
Contact Nippon Pulse.
150
200
600mm (23.6in)
690mm (27.2in)
780mm (30.7in)
250
650mm (25.6in)
740mm (29.1in)
830mm (32.7in)
300
700mm (27.6in)
790mm (31.1in)
880mm (34.6in)
350
750mm (29.5in)
840mm (33.1in)
930mm (36.6in)
400
800mm (31.5in)
890mm (35in)
980mm (38.6in)
450
850mm (33.5in)
940mm (37in)
1030mm (40.6in)
500
900mm (35.4in)
990mm (39in)
1080mm (42.5in)
550
950mm (37.4in)
1040mm (40.9in)
1130mm (44.5in)
600
1000mm (39.4in)
1090mm (42.9in)
1180mm (46.5in)
650
1050mm (41.3in)
1140mm (44.9in)
1230mm (48.4in)
700
1100mm (43.3in)
1190mm (46.9in)
1280mm (50.4in)
750
1150mm (45.3in)
1240mm (48.8in)
1330mm (52.4in)
800
1240mm (48.8in)
1330mm (52.4in)
1420mm (55.9in)
850
1290mm (50.8in)
1380mm (54.3in)
1470mm (57.9in)
900
1340mm (52.8in)
1430mm (56.3in)
1520mm (59.8in)
950
1390mm (54.7in)
1480mm (58.3in)
1570mm (61.8in)
1000
1440mm (56.7in)
1530mm (60.2in)
1620mm (63.8in)
1050
1490mm (58.7in)
1580mm (62.2in)
1670mm (65.7in)
1100
1540mm (60.6in)
1630mm (64.2in)
1720mm (67.7in)
1150
1590mm (62.6in)
1680mm (66.1in)
1770mm (69.7in)
1200
1640mm (64.6in)
1730mm (68.1in)
1820mm (71.7in)
1250
1690mm (66.5in)
1780mm (70.1in)
1870mm (73.6in)
1300
1740mm (68.5in)
1830mm (72in)
1920mm (75.6in)
1350
1790mm (70.5in)
1880mm (74in)
1970mm (77.6in)
1400
1840mm (72.4in)
1930mm (76in)
2020mm (79.5in)
1450
1890mm (74.4in)
1980mm (78in)
2070mm (81.5in)
1500
1940mm (76.4in)
2030mm (79.9in)
2120mm (83.5in)
1550
1990mm (78.3in)
2080mm (81.9in)
2170mm (85.4in)
1600
2040mm (80.3in)
2130mm (83.9in)
2220mm (87.4in)
1650
2090mm (82.3in)
2180mm (85.8in)
2270mm (89.4in)
1700
2140mm (84.3in)
2230mm (87.8in)
2320mm (91.3in)
1750
2190mm (86.2in)
2280mm (89.8in)
2370mm (93.3in)
1800
2240mm (88.2in)
2330mm (91.7in)
2420mm (95.3in)
1850
2290mm (90.2in)
2380mm (93.7in)
2470mm (97.2in)
1900
2340mm (92.1in)
2430mm (95.7in)
2520mm (99.2in)
1950
2390mm (94.1in)
2480mm (97.6in)
2570mm (101.2in)
2000
2440mm (96.1in)
2530mm (99.6in)
2620mm (103.1in)
Shaft Length (L)
Shaft Mass
Stroke
S500D
S500T
S500Q
100
Stroke is less than the electrical cycle length.
Contact Nippon Pulse.
150
200
7.9kg (17.4lb)
9.1kg (20lb)
10.2kg (22.6lb)
250
8.5kg (18.8lb)
9.7kg (21.4lb)
10.9kg (24lb)
300
9.2kg (20.3lb)
10.4kg (22.9lb)
11.6kg (25.5lb)
350
9.8kg (21.7lb)
11kg (24.3lb)
12.2kg (26.9lb)
400
10.5kg (23.2lb)
11.7kg (25.8lb)
12.9kg (28.4lb)
450
11.2kg (24.6lb)
12.3kg (27.2lb)
13.5kg (29.8lb)
500
11.8kg (26.1lb)
13kg (28.7lb)
14.2kg (31.3lb)
550
12.5kg (27.5lb)
13.7kg (30.1lb)
14.8kg (32.7lb)
600
13.1kg (28.9lb)
14.3kg (31.6lb)
15.5kg (34.2lb)
650
13.8kg (30.4lb)
15kg (33lb)
16.1kg (35.6lb)
700
14.4kg (31.8lb)
15.6kg (34.4lb)
16.8kg (37.1lb)
750
15.1kg (33.3lb)
16.3kg (35.9lb)
17.5kg (38.5lb)
800
16.3kg (35.9lb)
17.5kg (38.5lb)
18.6kg (41.1lb)
850
16.9kg (37.3lb)
18.1kg (39.9lb)
19.3kg (42.6lb)
900
17.6kg (38.8lb)
18.8kg (41.4lb)
20kg (44lb)
950
18.3kg (40.2lb)
19.4kg (42.8lb)
20.6kg (45.4lb)
1000
18.9kg (41.7lb)
20.1kg (44.3lb)
21.3kg (46.9lb)
1050
19.6kg (43.1lb)
20.7kg (45.7lb)
21.9kg (48.3lb)
1100
20.2kg (44.6lb)
21.4kg (47.2lb)
22.6kg (49.8lb)
1150
20.9kg (46lb)
22.1kg (48.6lb)
23.2kg (51.2lb)
1200
21.5kg (47.5lb)
22.7kg (50.1lb)
23.9kg (52.7lb)
1250
22.2kg (48.9lb)
23.4kg (51.5lb)
24.6kg (54.1lb)
1300
22.8kg (50.4lb)
24kg (53lb)
25.2kg (55.6lb)
1350
23.5kg (51.8lb)
24.7kg (54.4lb)
25.9kg (57lb)
1400
24.2kg (53.3lb)
25.3kg (55.9lb)
26.5kg (58.5lb)
1450
24.8kg (54.7lb)
26kg (57.3lb)
27.2kg (59.9lb)
1500
25.5kg (56.2lb)
26.7kg (58.8lb)
27.8kg (61.4lb)
1550
26.1kg (57.6lb)
27.3kg (60.2lb)
28.5kg (62.8lb)
1600
26.8kg (59.1lb)
28kg (61.7lb)
29.1kg (64.3lb)
1650
27.4kg (60.5lb)
28.6kg (63.1lb)
29.8kg (65.7lb)
1700
28.1kg (61.9lb)
29.3kg (64.6lb)
30.5kg (67.2lb)
1750
28.8kg (63.4lb)
29.9kg (66lb)
31.1kg (68.6lb)
1800
29.4kg (64.8lb)
30.6kg (67.4lb)
31.8kg (70.1lb)
1850
30.1kg (66.3lb)
31.2kg (68.9lb)
32.4kg (71.5lb)
1900
30.7kg (67.7lb)
31.9kg (70.3lb)
33.1kg (72.9lb)
1950
31.4kg (69.2lb)
32.6kg (71.8lb)
33.7kg (74.4lb)
2000
32kg (70.6lb)
33.2kg (73.2lb)
34.4kg (75.8lb)
Additional stroke lengths are available (up to 3380mm for S500D, 3290mm for S500T, and 3200mm for S500Q). Contact Nippon Pulse for more information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com