Electronic Components Datasheet Search
  English  ▼

X  

25950 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 25950
Description  VACO STEP DRILL BITS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

25950 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  25950 Datasheet HTML 1Page - List of Unclassifed Manufacturers 25950 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kleintools.com
See our complete line of Drilling and Holemaking Tools
© 2022 Klein Tools, Inc.
Lincolnshire, IL 60069
82771 Rev. 11/22 A
4-Piece All Purpose
Step Drill Bit Kit
Kit 25950
3-Piece Electrician's
Step Drill Bit Kit
Kit 25951
VACO STEP DRILL BITS
Dual Spiral Flutes on VACO Step Drill Bits help pull the step bit through
the material for faster cutting. The Titanium Nitride coating extends life
of the cutting edge. Convenient to use with an impact driver and drill, the
1/4-Inch hex shank provides a firm, positive grip. Available in five step bit
sizes with commonly used hole sizes for steel (up to 16 gauge), plastic,
aluminum, and wood. An All-Purpose Kit and Electrician’s Kit offer a
convenient, durable hard case with cutting oil.
Titanium Nitride (TiN) Coating
dissipates heat to extend bit life
1/4" Hex Shank fits impact
drivers and standard drills
Dual Spiral Flutes pull
bit through material for
faster cuts
Split Point Tip
quickly starts holes and
prevents drifting
Laser-etched
Hole Markings
for quick size
identification
Cat.
No.
UPC#
0-92644+
Description
Holes Increment
Hole Size Ranges
25960
25960-9
VACO Step Drill Bit
3
-
7/8" to 1-3/8" (22.2 to 34.9 mm)
25961
25961-6
VACO Step Drill Bit
2
-
7/8" to 1-1/8" (22.2 to 28.6 mm)
25962
25962-3
VACO Step Drill Bit
12
1/16" (1.6 mm)
3/16" to 7/8" (4.8 to 22.2 mm)
25963
25963-0
VACO Step Drill Bit
9
1/16" (1.6 mm)
1/4" to 3/4" (6.4 to 19.1 mm)
25964
25964-7
VACO Step Drill Bit
13
1/32" (0.8 mm)
1/8" to 1/2" (3.2 to 12.7 mm)
Kits
25950
25950-0
VACO 4-Piece All Purpose
Step Drill Bit Kit
Includes Cat. Nos. 25960, 25962, 25963, 25964,
1 oz. Bottle Cutting Oil, and Hard Carry Case
25951
25951-7
VACO 3-Piece Electrician's
Step Drill Bit Kit
Includes Cat. Nos. 25960, 25961, 25962,
1 oz. Bottle Cutting Oil, and Hard Carry Case
Visit www.kleintools.com for warnings and instructions.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com