Electronic Components Datasheet Search
  English  ▼

X  

SLP15 Datasheet(PDF) 1 Page - Nippon Pulse America, Inc.

Part # SLP15
Description  Acculine Stage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

SLP15 Datasheet(HTML) 1 Page - Nippon Pulse America, Inc.

  SLP15 Datasheet HTML 1Page - Nippon Pulse America, Inc. SLP15 Datasheet HTML 2Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SLP15
Acculine Stage
Rated Spec
Unit
Specification
Encoder Resolution
µm
1 (HEIDENHAIN LIDA279)
Continuous Force
N
17
Acceleration Force1
N
90
Continuous Current2
A
0.51
Acceleration Current1
A
2.7
Force Constant (Kf)
N/A rms
33
Back-EMF Constant
V/m/s
11
Resistance3
ohm
56
Inductance3
mH
24
Magnetic Pitch (N-N)
mm
60
Maximum Acceleration4
G
3.5
Maximum Velocity4, 5
m/s
3.0
Bi-Directional Repeatability
mm
±0.0005
Max Load, Horizontal
kg
5.0
Load Capacity
kg
3.0
Stroke, Single Forcer6
mm
100~2000 (100 interval)
Stroke, Double Forcer6
mm
100~1800 (100 interval)
Operating Temperature
°C
0~+40
Operating Humidity
%
20~80 (no condensation)
Storage Temperature
°C
−20~+60
Moving Mass
kg
0.5
Note 1: Acceleration Force given is based on the output with the use of the following driver - SLP15: (14) Hitachi Production Machine System
ADA3-01LL2
Note 2: The effective amperage when the temperature increase of the coil front becomes 110K
Note 3: An average value of U-V, U-W, and V-W
Note 4: There are instances when this is not achieved due to load or operation specifications
Note 5: There are instances when this is not achieved due to the length of the stroke
Note 6: Contact NPA for longer stroke lengths
• High Thrust, High Speed, High Responsiveness,
High Precision, Long Stroke
• Simple Design and Easy Installation
• Non-Contact Drive means Low Noise, Long Lifespan,
and Maintenance-Free
F-V Curve SLP15
Load (kg)
6
5.5
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
A-L Curve SLP15
0
1
2
3
4
5
6
* Driven by ADA3-01LL2 driver with 200 AC input.
5
4
3
2
1
0
-1
-2
-3
-4
-5
1
2
3
4
5
6
7
Count
Repeatability SLP15
Load
0°
45°
90°
1kg
380
400
450
2kg
220
250
270
3kg
160
190
200
4kg
120
140
150
5kg
100
110
130
1kg
440
390
320
2kg
260
230
180
3kg
180
170
120
90°
45°
0°
Overhanging Weight Tolerance (mm)
Stage Specifications
F-V Curve
Position Repeatability
Max. Acceleration vs. Load
01234
Velocity, m/s
Velocity (m/s)
F‑V Curve GHR15
0
10
20
30
40
50
60
70
80
90
100
01234
Velocity, m/s
Acc. Force
Cont. Force
※j駆動hラCoにX日立Y@VXeム ADA3‑01LL2をgpした場合のf[^ですB
* Driven by ADA3-01LL2 driver with 200 AC input.
0
10
20
30
40
50
60
70
80
90
100
Acc. Force
Cont. Force
info@nipponpulse.com
׀
1-540-633-1677
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Pin
Signal
Wire Color
Function
1
A+
White
Incremental Signal
2
0V
Black/Red
Ground
3
B+
Green
Incremental Signal
4
5V
Red
Power
7
Z-
Black/Yellow
Reference Mark
9
A-
Black/White
Incremental Signal
11
B-
Black/Green
Incremental Signal
14
Z+
Yellow
Reference Mark
Nippon Pulse
Your Partner in Motion Control


Similar Part No. - SLP15

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLP151M315A3P3 CDE-SLP151M315A3P3 Datasheet
369Kb / 9P
Best for switching power supplies
SLP151M315C1P3 CDE-SLP151M315C1P3 Datasheet
369Kb / 9P
Best for switching power supplies
SLP151M350A5P3 CDE-SLP151M350A5P3 Datasheet
369Kb / 9P
Best for switching power supplies
SLP151M350C3P3 CDE-SLP151M350C3P3 Datasheet
369Kb / 9P
Best for switching power supplies
SLP151M385A7P3 CDE-SLP151M385A7P3 Datasheet
369Kb / 9P
Best for switching power supplies
More results

Similar Description - SLP15

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK042CG0R7AD-W TAIYO-YUDEN-EMK042CG0R7AD-W Datasheet
287Kb / 2P
Lifecycle Stage
EMK042CG2R1AD-W TAIYO-YUDEN-EMK042CG2R1AD-W Datasheet
287Kb / 2P
Lifecycle Stage
EMK042CG2R9AD-W TAIYO-YUDEN-EMK042CG2R9AD-W Datasheet
287Kb / 2P
Lifecycle Stage
EMK042CG5R4BD-W TAIYO-YUDEN-EMK042CG5R4BD-W Datasheet
287Kb / 2P
Lifecycle Stage
TMK042CG0R5AD-W TAIYO-YUDEN-TMK042CG0R5AD-W Datasheet
287Kb / 2P
Lifecycle Stage
JMK105BJ224ME-R TAIYO-YUDEN-JMK105BJ224ME-R Datasheet
289Kb / 2P
Lifecycle Stage
logo
Nippon Pulse America, I...
SCR075 NPM-SCR075 Datasheet
1Mb / 2P
Nanopositioning Stage
SCR100 NPM-SCR100 Datasheet
975Kb / 2P
Nanopositioning Stage
SLP25 NPM-SLP25 Datasheet
428Kb / 2P
Acculine Stage
SLP35 NPM-SLP35 Datasheet
441Kb / 2P
Acculine Stage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com