Electronic Components Datasheet Search
  English  ▼

X  

VS-104MT..K Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VS-104MT..K
Description  Three Phase AC Switch (Power Modules), 100 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-104MT..K Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-104MT..K Datasheet HTML 1Page - Vishay Siliconix VS-104MT..K Datasheet HTML 2Page - Vishay Siliconix VS-104MT..K Datasheet HTML 3Page - Vishay Siliconix VS-104MT..K Datasheet HTML 4Page - Vishay Siliconix VS-104MT..K Datasheet HTML 5Page - Vishay Siliconix VS-104MT..K Datasheet HTML 6Page - Vishay Siliconix VS-104MT..K Datasheet HTML 7Page - Vishay Siliconix VS-104MT..K Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VS-104MT..KPbF Series
www.vishay.com
Vishay Semiconductors
Revision: 14-Sep-17
2
Document Number: 94351
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Available with dV/dt = 1000 V/μs, to complete code add S90 i. e. 104MT160KBS90
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum IRMS output current at case temperature
IO
For all conduction angle
100
A
80
°C
Maximum peak, one-cycle forward, non-repetitive
on state surge current
ITSM
t = 10 ms
No voltage
reapplied
Initial
TJ = TJ maximum
1130
A
t = 8.3 ms
1180
t = 10 ms
100 % VRRM
reapplied
950
t = 8.3 ms
1000
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
6380
A2s
t = 8.3 ms
5830
t = 10 ms
100 % VRRM
reapplied
4510
t = 8.3 ms
4120
Maximum I2
t for fusing
I2
t
t = 0.1 ms to 10 ms, no voltage reapplied
63 800
A2
s
Low level value of threshold voltage
VT(TO)1
(16.7 % x
 x I
T(AV) < I <  x IT(AV)), TJ maximum
0.99
V
High level value of threshold voltage
VT(TO)2
(I >
 x I
T(AV)), TJ maximum
1.15
Low level value on-state slope resistance
rt1
16.7 % x
 x I
T(AV) < I <  x IT(AV)), TJ maximum
3.90
m
High level value on-state slope resistance
rt2
(I >
 x I
T(AV)), TJ maximum
3.48
Maximum on-state voltage drop
VTM
Ipk = 150 A, TJ = 25 °C, tp = 400 μs single junction
1.53
V
Maximum non-repetitive rate of rise of turned on
current
dI/dt
TJ = 25 °C, from 0.67 VDRM, ITM =  x IT(AV),
Ig = 500 mA, tr < 0.5 μs, tp > 6 μs
150
A/μs
Maximum holding current
IH
TJ = 25 °C, anode supply = 6 V, resistive load, grate
open circuit
200
mA
Maximum latching current
IL
TJ = 25 °C, anode supply = 6 V, resistive load
400
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
RMS isolation voltage
VINS
TJ = 25 °C all terminal shorted
f = 50 Hz, t = 1 s
4000
V
Maximum critical rate of rise of off-state voltage
dV/dt (1)
TJ = TJ maximum, linear to 0.67 VDRM, 
gate open circuit
500
V/μs
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum peak gate power
PGM
TJ = TJ maximum
10
W
Maximum average gate power
PG(AV)
2.5
Maximum peak gate current
IGM
2.5
A
Maximum peak negative gate voltage
- VGT
10
V
Maximum required DC gate voltage to trigger
VGT
TJ = 40 °C
Anode supply = 6 V, resistive load
4.0
TJ = 25 °C
2.5
TJ = 125 °C
1.7
Maximum required DC gate current to trigger
IGT
TJ = -40 °C
270
mA
TJ = 25 °C
150
TJ = 125 °C
80
Maximum gate voltage that will not trigger
VGD
TJ = TJ maximum, rated VDRM applied
0.25
V
Maximum gate current that will not trigger
IGD
6mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com