Electronic Components Datasheet Search
  English  ▼

X  

SMF22A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMF22A
Description  Surface-Mount ESD Protection Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMF22A Datasheet(HTML) 2 Page - Vishay Siliconix

  SMF22A Datasheet HTML 1Page - Vishay Siliconix SMF22A Datasheet HTML 2Page - Vishay Siliconix SMF22A Datasheet HTML 3Page - Vishay Siliconix SMF22A Datasheet HTML 4Page - Vishay Siliconix SMF22A Datasheet HTML 5Page - Vishay Siliconix SMF22A Datasheet HTML 6Page - Vishay Siliconix SMF22A Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SMF5V0A to SMF58A
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 19-Nov-2021
2
Document Number: 85881
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
tp = 10/1000 μs waveform
IPPM
see “Electrical Characteristics”
A
Peak pulse power
tp = 8/20 μs waveform acc. IEC 61000-4-5
PPP
1000
W
tp = 10/1000 μs waveform
200
W
Peak forward surge current
8.3 ms single half sine-wave
IFSM
50
A
ESD immunity
Contact discharge acc. IEC 61000-4-2; 10 pulses
VESD
± 30
kV
Air discharge acc. IEC 61000-4-2; 10 pulses
± 30
kV
Thermal resistance
Mounted on epoxy glass PCB with 3 mm x 3 mm,
Cu pads (
≥ 40 μm thick)
RthJA
180
K/W
Forward clamping voltage
IF = 50A, tp = 400 μs
VF
2.5
V
Junction temperature
TJ
175
°C
Storage temperature range
Tstg
-65 to +175
°C
Operating temperature range
Top
-65 to +175
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART
NUMBER
TYPE CODE
REVERSE
BREAKDOWN
VOLTAGE
at IT,
tp = 5 ms
TEST
CURRENT
STAND-OFF
VOLTAGE
MAXIMUM
REVERSE
CURRENT
at VRWM
MAXIMUM
PEAK PULSE
CURRENT
tp = 10/1000 μs
MAXIMUM
REVERSE
CLAMPING
VOLTAGE
at IPPM
TYPICAL
CAP.
at VR = 0 V,
f = 1 MHz
PROTECTION
PATHS
STD.
HALOGEN-
FREE
VBR
MIN.
(V)
VBR
MAX.
(V)
IT
(mA)
VRWM
(V)
IR
(μA)
IPPM
(A)
VC MAX.
(V)
CD TYP.
(pF)
Nchannel
SMF5V0A
AE
NE
6.40
7.1
10
5
5
21.7
9.2
1120
1
SMF6V0A
AG
NG
6.67
7.4
10
6
26
19.4
10.3
1063
1
SMF6V5A
AK
NK
7.22
8
10
6.5
20
17.9
11.2
938
1
SMF7V0A
AM
NM
7.78
8.6
10
7
3
16.7
12
843
1
SMF7V5A
AP
NP
8.33
9.3
1
7.5
0.1
15.5
12.9
773
1
SMF8V0A
AR
NR
8.89
9.9
1
8
0.1
14.7
13.6
706
1
SMF8V5A
AT
NT
9.44
10.5
1
8.5
0.1
13.9
14.4
674
1
SMF9V0A
AV
NV
10
11.2
1
9
0.1
13.5
15.4
640
1
SMF10A
AX
NX
11.1
12.3
1
10
0.1
11.8
17
562
1
SMF11A
AZ
NZ
12.2
13.5
1
11
0.1
11
18.2
509
1
SMF12A
BE
OE
13.3
14.7
1
12
0.1
10.1
19.9
483
1
SMF13A
BG
OG
14.4
16
1
13
0.1
9.3
21.5
423
1
SMF14A
BK
OK
15.6
17.3
1
14
0.1
8.6
23.2
392
1
SMF15A
BM
OM
16.7
18.5
1
15
0.1
8.2
24.4
367
1
SMF16A
BP
OP
17.8
19.7
1
16
0.1
7.7
26
343
1
SMF17A
BR
OR
18.9
20.9
1
17
0.1
7.2
27.6
324
1
SMF18A
BT
OT
20
22.3
1
18
0.1
6.8
29.2
320
1
SMF20A
BV
OV
22.2
24.6
1
20
0.1
6.2
32.4
283
1
SMF22A
BX
OX
24.4
27
1
22
0.1
5.6
35.5
271
1
SMF24A
BZ
OZ
26.7
29.6
1
24
0.1
5.1
38.9
244
1
SMF26A
CE
PE
28.9
32
1
26
0.1
4.8
42.1
230
1
SMF28A
CG
PG
31.1
34.4
1
28
0.1
4.4
45.4
227
1
SMF30A
CK
PK
33.3
36.9
1
30
0.1
4.1
48.4
207
1
SMF33A
CM
PM
36.7
40.6
1
33
0.1
3.8
53.3
198
1
SMF36A
CP
PP
40
44.3
1
36
0.1
3.4
58.1
178
1
SMF40A
CR
PR
44.4
49.1
1
40
0.1
3.1
64.5
172
1
SMF43A
CT
PT
47.8
52.9
1
43
0.1
2.9
69.4
165
1
SMF45A
CV
PV
50
55.3
1
45
0.1
2.8
72.7
162
1
SMF48A
CX
PX
53.3
59
1
48
0.1
2.6
77.4
161
1
SMF51A
CZ
PZ
56.7
62.7
1
51
0.1
2.4
82.4
151
1
SMF54A
CA
PA
60
66
1
54
0.1
2.25
88
148
1
SMF58A
CC
PC
64.4
70.8
1
58
0.1
2.1
95
144
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com