Electronic Components Datasheet Search
  English  ▼

X  

1213F Datasheet(PDF) 2 Page - Belden Inc.

Part # 1213F
Description  Category 5E Cable, 4 Pair, F/UTP, CMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

1213F Datasheet(HTML) 2 Page - Belden Inc.

  1213F Datasheet HTML 1Page - Belden Inc. 1213F Datasheet HTML 2Page - Belden Inc. 1213F Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
20
9.1 dB/100m
50.8
49.8
41.7
40.7
41.8
39.8
25.0
100 ± 15
100 ± 15
25
10.2 dB/100m
49.3
48.3
39.1
38.1
39.8
37.8
24.3
100 ± 15
100 ± 15
31.25
11.4 dB/100m
47.9
46.9
36.4
35.4
37.9
35.9
23.6
100 ± 15
100 ± 15
62.5
16.4 dB/100m
43.4
42.4
27.0
26.0
31.9
29.9
21.5
100 ± 15
100 ± 15
100
21.0 dB/100m
40.3
39.3
19.3
18.3
27.8
25.8
20.1
100 ± 15
100 ± 15
155
26.6 dB/100m
37.4
36.4
10.9
9.9
24.0
22.0
18.8
100 ± 22
100 ± 15
200
30.5 dB/100m
35.8
34.8
5.3
4.3
21.8
19.8
18.0
100 ± 22
100 ± 15
250
34.4 dB/100m
34.3
33.3
-0.1
-1.1
19.8
17.8
17.3
100 ± 32
100 ± 15
300
38.0 dB/100m
33.1
32.1
18.3
16.3
14.4
100 ± 32
100 ± 15
350
41.4 dB/100m
32.1
31.1
16.9
14.9
13.8
100 ± 32
100 ± 15
400
44.6 dB/100m
31.3
30.3
15.8
13.8
13.3
100 ± 32
100 ± 15
450
47.7 dB/100m
30.5
29.5
14.7
12.7
12.8
100 ± 32
100 ± 15
Voltage
UL Voltage Rating
300 V (CMP)
Mechanical Characteristics
Temperature
UL Temperature
Operating
Installation
Storage
75°C
-20°C To +75°C 0°C To +50°C -20°C To +75°C
Bend Radius
Stationary Min.
Installation Min.
2.25 in (57.2 mm) 2.75 in (69.9 mm)
Max. Pull Tension:
25 lbs (11 kg)
Bulk Cable Weight:
32 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Plenum, Indoor
Sustainability:
Product Lens™, Environmental Product Declaration (EPD) Available
Flammability / Reaction
to Fire:
NFPA 262, UL 910 (Plenum), FT6, FT6, IEC 60332-1-2
CPR Compliance:
CPR Euroclass: Eca; CPR UKCA Class: Eca
NEC / UL Compliance:
Article 800, CMP
CEC / C(UL) Compliance: CMP
ICEA Compliance:
S-90-661
IEEE Compliance:
IEEE 802.3bt Type 1, Type 2, Type 3
NEMA Compliance:
NEMA WC-63.1
Data Category:
Category 5e
TIA/EIA Compliance:
ANSI/TIA-568.2-D Category 5e
Third Party Performance
Verification:
Category 5e
ISO/IEC Compliance:
ISO/IEC 11801-1, IEC 61156-5
European Directive
Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), REACH, EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE), REACH: 2020-01-16
UK Regulation
Compliance:
UKCA Mark
APAC Compliance:
China RoHS II (GB/T 26572-2011)
Non-Plenum Number:
1212F
Product Notes
Notes:
Electrical values are expected performance based on cable testing and representative performance within a typical Belden system. Values above 350 MHz are for Engineering
Information Only. Shield is Bonded to Jacket Inner Wall for Electrical Stability. Print Includes Descending Footage/Meter Markings from Max. Put-Up Length to 0.
History
Update and Revision:
Revision Number: 0.489 Revision Date: 11-09-2022
Part Numbers
Variants
Item #
Color
Putup Type Length
UPC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com