Electronic Components Datasheet Search
  English  ▼

X  

1224 Datasheet(PDF) 2 Page - Belden Inc.

Part # 1224
Description  CAT5e Horizontal, 4pr, UTP, LSZH Jkt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

1224 Datasheet(HTML) 2 Page - Belden Inc.

  1224 Datasheet HTML 1Page - Belden Inc. 1224 Datasheet HTML 2Page - Belden Inc. 1224 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Frequency
Frequency
[MHz]
Max. Insertion Loss
(Attenuation)
Min.
NEXT [dB]
Min.
PSNEXT [dB]
Min.
ACR [dB]
Min.
PSACR [dB]
Min. ACRF
(ELFEXT) [dB]
Min. PSACRF
(PSELFEXT) [dB]
Min. RL (Return
Loss) [dB]
Max./Min. Input
Impedance (unFitted)
Max./Min. Fitted
Impedance
1 MHz
2.0 dB/100m
70.3 dB
69.3 dB
68.3 dB
67.3 dB
67.8 dB
65.8 dB
20.0 dB
100 ± 15 Ohm
100 ± 15 Ohm
4 MHz
4.0 dB/100m
61.3 dB
60.3 dB
57.3 dB
56.3 dB
55.8 dB
53.8 dB
23.0 dB
100 ± 15 Ohm
100 ± 15 Ohm
8 MHz
5.7 dB/100m
56.8 dB
55.8 dB
51.1 dB
50.1 dB
49.7 dB
47.7 dB
24.5 dB
100 ± 15 Ohm
100 ± 15 Ohm
10 MHz
6.4 dB/100m
55.3 dB
54.3 dB
48.9 dB
47.9 dB
47.8 dB
45.8 dB
25.0 dB
100 ± 15 Ohm
100 ± 15 Ohm
16 MHz
8.1 dB/100m
52.2 dB
51.2 dB
44.1 dB
43.1 dB
43.7 dB
41.7 dB
25.0 dB
100 ± 15 Ohm
100 ± 15 Ohm
20 MHz
9.1 dB/100m
50.8 dB
49.8 dB
41.7 dB
40.7 dB
41.8 dB
39.8 dB
25.0 dB
100 ± 15 Ohm
100 ± 15 Ohm
25 MHz
10.2 dB/100m
49.3 dB
48.3 dB
39.1 dB
38.1 dB
39.8 dB
37.8 dB
24.3 dB
100 ± 15 Ohm
100 ± 15 Ohm
31.25 MHz
11.4 dB/100m
47.9 dB
46.9 dB
36.4 dB
35.4 dB
37.9 dB
35.9 dB
23.6 dB
100 ± 15 Ohm
100 ± 15 Ohm
62.5 MHz
16.4 dB/100m
43.4 dB
42.4 dB
27.0 dB
26.0 dB
31.9 dB
29.9 dB
21.5 dB
100 ± 15 Ohm
100 ± 15 Ohm
100 MHz
21.0 dB/100m
40.3 dB
39.3 dB
19.3 dB
18.3 dB
27.8 dB
25.8 dB
20.1 dB
100 ± 15 Ohm
100 ± 15 Ohm
155 MHz
26.6 dB/100m
37.4 dB
36.4 dB
10.9 dB
9.9 dB
24.0 dB
22.0 dB
18.8 dB
100 ± 22 Ohm
100 ± 15 Ohm
200 MHz
30.5 dB/100m
35.8 dB
34.8 dB
5.3 dB
4.3 dB
21.8 dB
19.8 dB
18.0 dB
100 ± 22 Ohm
100 ± 15 Ohm
250 MHz
34.4 dB/100m
34.3 dB
33.3 dB
-0.1 dB
-1.1 dB
19.8 dB
17.8 dB
17.3 dB
100 ± 32 Ohm
100 ± 15 Ohm
300 MHz
38.0 dB/100m
33.1 dB
32.1 dB
1.9 dB
18.3 dB
16.3 dB
14.4 dB
100 ± 32 Ohm
100 ± 15 Ohm
350 MHz
41.4 dB/100m
32.1 dB
31.1 dB
16.9 dB
14.9 dB
13.8 dB
100 ± 32 Ohm
100 ± 15 Ohm
400 MHz
44.6 dB/100m
31.3 dB
30.3 dB
15.8 dB
13.8 dB
13.3 dB
100 ± 32 Ohm
100 ± 15 Ohm
450 MHz
47.7 dB/100m
30.5 dB
29.5 dB
14.7 dB
12.7 dB
12.8 dB
100 ± 32 Ohm
100 ± 15 Ohm
Voltage
UL Voltage Rating
300 V RMS
Temperature Range
Installation Temperature Range:
+5°C To +50°C
Non-UL Temp Rating:
+75°C
Storage Temperature Range:
-20°C To +75°C
Operating Temperature Range:
-20°C To +75°C
Mechanical Characteristics
Bulk Cable Weight:
25 lbs/1000ft
Max. Pull Tension:
25 lbs
Min. Bend Radius During Installation:
2.0 in
Min. Bend Radius/Minor Axis:
1.0 in
Standards
NEC/(UL) Compliance:
N/A
ISO/IEC Compliance:
11801 ed 2.2 (2011) Class D
CPR Euroclass:
Eca
Data Category:
Category 5e
ANSI Compliance:
S-90-661-2012 Category 5e, ANSI/NEMA WC-63.1 Category 5e
TIA/EIA Compliance:
ANSI/TIA-568-C.2 Category 5e
IEEE Compliance:
IEEE 802.3bt Type 1, Type 2, Type 3
Other Specification:
Verified Category 5e
Applicable Environmental and Other Programs
Environmental Space:
Indoor - Euroclass Eca
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
EU Directive 2003/96/EC (BFR):
Yes
EU Directive 2011/65/EU (RoHS 2):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU (RoHS 2
amendment):
Yes
EU Directive Compliance:
Yes
EU CE Mark:
No



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com