Electronic Components Datasheet Search
  English  ▼

X  

1585LC Datasheet(PDF) 2 Page - Belden Inc.

Part # 1585LC
Description  Category 5e Cable, 4 Pair, U/UTP, LC, CMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

1585LC Datasheet(HTML) 2 Page - Belden Inc.

  1585LC Datasheet HTML 1Page - Belden Inc. 1585LC Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
155
28.1 dB/100m
32.5
29.5
4.4
1.4
19.9
16.9
15.8
100 ± 25
100 ± 15
200
32 dB/100m
30.8
27.8
4
1
17.7
14.7
15
100 ± 25
100 ± 15
Voltage
UL Voltage Rating
300 V (CMP)
Mechanical Characteristics
Temperature
Operating
Installation
Storage
-40°C To +150°C 0°C To +50°C -20°C To +75°C
Bend Radius
Stationary Min. Installation Min.
1 in (25 mm)
1.8 in (46 mm)
Max. Pull Tension:
35 lbs (16 kg)
Bulk Cable Weight:
21 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Plenum, Indoor, Aerial - When supported by messenger wire
Flammability / Reaction to
Fire:
NFPA 262 Plenum Flame Test (UL910),UL723 (NFPA 255), FT6, FT6, IEC 60332-1-2
CPR Compliance:
CPR Euroclass: Eca; CPR UKCA Class: Eca
NEC / UL Compliance:
Article 800, CMP
CEC / C(UL) Compliance:
CMP
IEEE Compliance:
IEEE 802.3bt Type 1, Type 2, Type 3
Data Category:
Category 5e
TIA/EIA Compliance:
ANSI/TIA-568.2-D Category 5e
ISO/IEC Compliance:
ISO/IEC 11801-1, IEC 61156-5
European Directive
Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), REACH, EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE), REACH: 2020-01-16
UK Regulation Compliance:
UKCA Mark
APAC Compliance:
China RoHS II (GB/T 26572-2011)
Plenum Number:
1585A
Non-Plenum Number:
1583A
Product Notes
Notes:
Electrical values are expected performance based on cable testing and representative performance within a typical Belden system. Jacket sequentially marked at 2 ft. intervals.
Thrid party verified to ANSI/TIA-568-C.2, Category 5e.
History
Update and Revision:
Revision Number: 0.394 Revision Date: 11-09-2022
Part Numbers
Variants
Item #
Color Putup Type Length
UPC
1585LC 006U1000 Blue
UnReel
1,000 ft 612825118466
1585LC 0061000
Blue
Reel
1,000 ft 612825118473
1585LC 009U1000 White
UnReel
1,000 ft 612825118480
1585LC 0091000
White
Reel
1,000 ft 612825118497
© 2022 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com