Electronic Components Datasheet Search
  English  ▼

X  

1701A Datasheet(PDF) 1 Page - Belden Inc.

Part # 1701A
Description  Category 5E Cable, 4 Bonded-Pairs, U/UTP, CMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

1701A Datasheet(HTML) 1 Page - Belden Inc.

  1701A Datasheet HTML 1Page - Belden Inc. 1701A Datasheet HTML 2Page - Belden Inc. 1701A Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: 1701A
Category 5E+ Cable, 4 Bonded-Pairs, U/UTP, CMP
Product Description
Category 5E+ Premise Horizontal Cable (350MHz), 4 Bonded-Pairs, 24 AWG Solid Bare Copper Conductors, U/UTP, Plenum-CMP, Flamarrest® PVC-LS
Jacket
Technical Specifications
Product Overview
Suitable Applications:
Premise Horizontal Cable, Ethernet 1000BASE-T, Ethernet 100BASE-TX, Ethernet 10BASE-T, PoE++, PoE+, PoE
Patent:
This product has one or more applicable patents. More information on patents can be found at https://www.belden.com/patents.
Construction Details
Conductor
Size
Stranding
Material
Number of Pairs
24 AWG Solid
BC - Bare Copper 4
Insulation
Material
Color Code
FEP - Fluorinated Ethylene Propylene White/Blue Stripe & Blue, White/Orange Stripe & Orange, White/Green Stripe & Green, White/Brown Stripe & Brown
Bonded-Pair:
Yes
Outer Jacket
Material
Material Trade Name
Nom. Diameter
Ripcord
PVC - Polyvinyl Chloride Flamarrest®
0.195 in (4.95 mm) Yes
Overall Cable Diameter
(Nominal):
0.195 in (4.95 mm)
Electrical Characteristics
Electricals
Max. Conductor DCR
Max. Capacitance Unbalance
90 Ohm/km (27 Ohm/1000ft) 66 pF/100m
Delay
Frequency
Max. Delay
Max. Delay Skew Nom. Velocity of Prop.
100 MHz
537.6 ns/100m 25 ns/100m
72%
High Frequency
Frequency
[MHz]
Max. Insertion Loss
(Attenuation)
Min.
PSNEXT [dB]
Min.
PSACR [dB]
Min. PSACRF
(PSELFEXT) [dB]
Min. RL (Return
Loss) [dB]
Max./Min. Input Impedance
(unFitted) [Ohm]
Max./Min. Fitted
Impedance [Ohm]
Min. TCL
[dB]
Min. ELTCTL
[dB]
1
2.0 dB/100m
69.3
67.3
65.8
20.0
100 ± 12
105 ± 10
40.0
35.0
4
4.0 dB/100m
60.3
56.3
53.8
23.0
100 ± 12
100 ± 10
40.0
23.0
8
5.7 dB/100m
55.8
50.1
47.7
24.5
100 ± 12
100 ± 10
40.0
16.9
10
6.4 dB/100m
54.3
47.9
45.8
25.0
100 ± 12
100 ± 10
40.0
15.0
16
8.1 dB/100m
51.2
43.1
41.7
25.0
100 ± 12
100 ± 10
38.0
10.9
20
9.1 dB/100m
49.8
40.7
39.8
25.0
100 ± 12
100 ± 10
37.0
9.0
25
10.2 dB/100m
48.3
38.2
37.8
25.0
100 ± 15
100 ± 10
36.0
7.0


Similar Part No. - 1701A

ManufacturerPart #DatasheetDescription
logo
Heyco.
1701 HEYCO-1701 Datasheet
89Kb / 1P
Stock and Custom* Colors for Dome Plugs and Shorty Plugs
logo
Multicomp Pro
1701 MULTICOMP-1701 Datasheet
216Kb / 1P
Layflat PVC Tubing
28/04/20 V1.0
logo
Heyco.
17010 HEYCO-17010 Datasheet
108Kb / 1P
Snap Latch Rivets
logo
PHOENIX CONTACT
1701004 PHOENIX-1701004 Datasheet
54Kb / 4P
Printed-circuit board connector - MC 1,5/ 6-STZ2-3,81 OG
logo
AAEON Technology
1701010150 AAEON-1701010150 Datasheet
259Kb / 2P
CRT, 18-bit Single Channel LVDS LCD
More results

Similar Description - 1701A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
10GXS33 BELDEN-10GXS33 Datasheet
257Kb / 4P
Category 6A Enhanced (625MHz), 4 Bonded-Pairs, U/UTP, CMP
1213 BELDEN-1213 Datasheet
175Kb / 3P
Category 5E Cable, 4 Pair, U/UTP, CMP
2022 Belden, Inc
1304A BELDEN-1304A Datasheet
158Kb / 3P
CatSnake® Category 5E Tactical Cable, 4 Bonded-Pairs, U/UTP
2022 Belden, Inc
1305A BELDEN-1305A Datasheet
158Kb / 3P
CatSnake® Category 5E Tactical Upjacketed Cable, 4 Bonded-Pairs, U/UTP
2022 Belden, Inc
1585LC BELDEN-1585LC Datasheet
179Kb / 2P
Category 5e Cable, 4 Pair, U/UTP, LC, CMP
2022 Belden, Inc
1700A BELDEN-1700A Datasheet
179Kb / 3P
Category 5E Cable, 4 Bonded-Pairs, U/UTP, CMR
2022 Belden, Inc
1752A BELDEN-1752A Datasheet
178Kb / 3P
Category 5e Patch Cable, 4 Bonded-Pairs, U/UTP, CM
2022 Belden, Inc
10GX32 BELDEN-10GX32 Datasheet
171Kb / 3P
10GX Category 6A Enhanced Cable, 4 Bonded-Pairs, U/UTP, CMR
2022 Belden, Inc
10GX33 BELDEN-10GX33 Datasheet
168Kb / 3P
10GX Category 6A Enhanced Cable, 4 Bonded-Pairs, U/UTP, CMP
2022 Belden, Inc
IBDN25P BELDEN-IBDN25P Datasheet
168Kb / 2P
Category 5e Backbone Cable, 25 Pair, U/UTP, CMP
2022 Belden, Inc
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com