Electronic Components Datasheet Search
  English  ▼

X  

1701LC Datasheet(PDF) 2 Page - Belden Inc.

Part # 1701LC
Description  CAT5e Horizontal Bonded-Pair, 4pr, UTP, FEP Jkt, CMP-LC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

1701LC Datasheet(HTML) 2 Page - Belden Inc.

  1701LC Datasheet HTML 1Page - Belden Inc. 1701LC Datasheet HTML 2Page - Belden Inc. 1701LC Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Delay
Max. Delay
Max. Delay Skew Nominal Velocity of Propagation (VP) [%]
510 ns/100m 25 ns/100m
72%
High Frequency
Frequency
[MHz]
Max. Insertion Loss
(Attenuation)
Min.
NEXT [dB]
Min.
PSNEXT [dB]
Min.
ACR [dB]
Min.
PSACR [dB]
Min. ACRF
(ELFEXT) [dB]
Min. PSACRF
(PSELFEXT) [dB]
Min. RL (Return
Loss) [dB]
Max./Min. Input
Impedance (unFitted)
Max./Min. Fitted
Impedance
1 MHz
2 dB/100m
65.3 dB
65.3 dB
63.3 dB
63.3 dB
63.8 dB
60.8 dB
20 dB
100 ± 12 Ohm
105 ± 10 Ohm
4 MHz
4 dB/100m
56.3 dB
56.3 dB
52.3 dB
52.3 dB
51.7 dB
48.8 dB
23 dB
100 ± 12 Ohm
100 ± 10 Ohm
8 MHz
5.7 dB/100m
51.8 dB
51.8 dB
46.1 dB
46.1 dB
45.7 dB
42.7 dB
24.5 dB
100 ± 12 Ohm
100 ± 10 Ohm
10 MHz
6.4 dB/100m
50.3 dB
50.3 dB
43.9 dB
43.9 dB
43.8 dB
40.8 dB
25 dB
100 ± 12 Ohm
100 ± 10 Ohm
16 MHz
8.1 dB/100m
47.3 dB
47.3 dB
39.1 dB
39.1 dB
39.7 dB
36.7 dB
25 dB
100 ± 12 Ohm
100 ± 10 Ohm
20 MHz
9.2 dB/100m
45.8 dB
45.8 dB
35.2 dB
35.2 dB
37.7 dB
34.7 dB
25 dB
100 ± 12 Ohm
100 ± 10 Ohm
25 MHz
10.3 dB/100m
44.3 dB
44.3 dB
34.1 dB
34.1 dB
35.8 dB
32.8 dB
24.3 dB
100 ± 15 Ohm
100 ± 10 Ohm
31.25 MHz
11.6 dB/100m
42.9 dB
42.9 dB
31.3 dB
31.3 dB
33.9 dB
30.9 dB
23.6 dB
100 ± 15 Ohm
100 ± 10 Ohm
62.5 MHz
16.8 dB/100m
38.4 dB
38.4 dB
21.6 dB
21.6 dB
27.8 dB
24.9 dB
21.5 dB
100 ± 15 Ohm
100 ± 10 Ohm
100 MHz
21.7 dB/100m
35.3 dB
35.3 dB
17.1 dB
17.1 dB
23.8 dB
20.8 dB
20.1 dB
100 ± 15 Ohm
100 ± 10 Ohm
155 MHz
27.7 dB/100m
32.5 dB
32.5 dB
4.7 dB
4.7 dB
19.9 dB
16.9 dB
19 dB
100 ± 18 Ohm
100 ± 10 Ohm
200 MHz
32 dB/100m
30.8 dB
30.8 dB
3 dB
3 dB
17.7 dB
14.7 dB
19 dB
100 ± 18 Ohm
100 ± 10 Ohm
250 MHz
36.4 dB/100m
29.3 dB
29.3 dB
0 dB
0 dB
15.8 dB
12.8 dB
18 dB
100 ± 20 Ohm
100 ± 10 Ohm
300 MHz
40.5 dB/100m
28.2 dB
28.2 dB
14.2 dB
11.2 dB
18 dB
100 ± 20 Ohm
100 ± 10 Ohm
310 MHz
41.3 dB/100m
27.9 dB
27.9 dB
13.9 dB
10.9 dB
18 dB
100 ± 20 Ohm
100 ± 10 Ohm
350 MHz
44.3 dB/100m
27.2 dB
27.2 dB
12.9 dB
9.9 dB
17 dB
100 ± 22 Ohm
100 ± 10 Ohm
Voltage
UL Voltage Rating
300 V RMS
Temperature Range
Operating Temperature Range: -40°C To +150°C
Mechanical Characteristics
Bulk Cable Weight:
25 lbs/1000ft
Max. Pull Tension:
40 lbs
Min. Bend Radius During
Installation:
1.9 in
Min. Bend Radius/Minor Axis:
1 in
Standards
NEC Articles:
Article 800
NEC/(UL) Compliance:
CMP, FHC 25/50
CEC/C(UL) Compliance:
CMP
ISO/IEC Compliance:
11801 ed 2.1 (2008) Class D
CPR Euroclass:
Fca
Data Category:
Category 5e
TIA/EIA Compliance:
ANSI/TIA/EIA 568 C.2 Category 5e
Other Specification:
NEMA WC-63.1 Category 5e, UL Verified to Category 5e
Applicable Environmental and Other Programs
Environmental Space:
Plenum
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
Yes
MII Order #39 (China RoHS):
Yes
Flammability, LS0H, Toxicity Testing
UL Flammability:
NFPA 262 Plenum Flame Test (UL910),UL723 (NFPA 255)
CSA Flammability:
FT6
UL voltage rating:
300 V RMS
Plenum/Non-Plenum



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com