Electronic Components Datasheet Search
  English  ▼

X  

STV25K Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # STV25K
Description  SDU Series, Direct Current Uninterruptible Power Supply (DC UPS) System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STV25K Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  STV25K Datasheet HTML 1Page - List of Unclassifed Manufacturers STV25K Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
United States: 1.800.621.1506 | Asia/Pacific: + 65.6556.1100 | Australia: + 61.3.9721.0348
Canada: + 1.888.765.2226 | China: + 86.21.3338.7000 | Europe: + 33.3.22.54.13.90
Mexico/Latin America: + 52.55.5809.5049 | Middle East/Africa/India: + 971.4.811.8100
www.solahd.com
Appleton Grp LLC d/b/a Appleton Group. The SolaHD and Emerson logos are registered in the U.S. Patent and Trademark Office.
All other product or service names are the property of their registered owners. © 2016, Appleton Grp LLC. All rights reserved.
There are three individual hardware products when putting an SDU DC UPS
system into operation:
1. 24 Vdc Power Supply (Recommended SolaHD SDN Series)
2. 24 Vdc SDU DC UPS Power Module
3. 24 Vdc SDU DC UPS Battery Module; or 24 Vdc SDU DC UPS External
Battery Module
There are two models of the SDU DC UPS Power Module:
1. SDU 10-24, 24 Vdc/10amp (battery modules are required)
2. SDU 20-24, 24 Vdc/20amp (battery modules are required)
Selection tAble
catalog number
Description
Approx. Ship weight lbs (kg)
UpS
SDU 10-24
240 VA, 24V/10A DIN Rail DC UPS power module, battery module is required
1.7 (0.77)
SDU 20-24
480 VA, 24V/20A DIN Rail DC UPS power module, battery module is required
1.7 (0.77)
battery
SDU 24-bAt
24V DIN Rail/Panel Mount Battery Module (cable included)
12.0 (5.33)
SDU 24-bAtem
24V External Mount Battery Module (cable included)
16.0 (7.11)
Accessories
SDU 24eXtbc6
Optional 6 ft. Battery Module cable to 24V DC UPS
0.5 (0.22)
SDU 24-Db9
Optional interface kit to convert relay contacts signals to DB9 signals
1.0 (0.45)
SDU-pmbrK
Optional chassis mount brackets to secure UPS to wall, panel, or enclosure
0.5 (0.22)
Din rAil moUnteD bAttery option
1) AC/DC Power Supply
2) Power Module: SDU 10-24 or SDU 20-24
3) Battery Module: SDU 24-BATEM
1) AC/DC Power Supply
2) Power Module: SDU 10-24 or SDU 20-24
3) Battery Module: SDU 24-BAT
4) Optional battery module for extended Back-up.
eXternAl bAttery option
There are two models  of the SDU DC UPS Battery Modules:
1. SDU 24-BAT, DIN Rail/Panel mount for installation in ventilated
enclosure, up to 4 battery modules can be connected to the SDU
DC UPS.
2. SDU 24-BATEM, Panel mount, alternate battery module for external
installation of non-ventilated enclosures, only 1 battery module
can be connected to the SDU DC UPS.
Can not use a combination of both models of the battery modules, only one model
of the battery module can be connected to the SDU DC UPS.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com