Electronic Components Datasheet Search
  English  ▼

X  

NJM062CG Datasheet(PDF) 20 Page - New Japan Radio

Part # NJM062CG
Description  LOW-POWER J-FET INPUT OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM062CG Datasheet(HTML) 20 Page - New Japan Radio

Back Button NJM062CG Datasheet HTML 13Page - New Japan Radio NJM062CG Datasheet HTML 14Page - New Japan Radio NJM062CG Datasheet HTML 15Page - New Japan Radio NJM062CG Datasheet HTML 16Page - New Japan Radio NJM062CG Datasheet HTML 17Page - New Japan Radio NJM062CG Datasheet HTML 18Page - New Japan Radio NJM062CG Datasheet HTML 19Page - New Japan Radio NJM062CG Datasheet HTML 20Page - New Japan Radio NJM062CG Datasheet HTML 21Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
NJM062C/064C NJM062CA/064CA
- 20 -
Ver.5.0
www.njr.com
■ RECOMMENDED MOUNTING METHOD
INFRARED REFLOW SOLDERING PROFILE
a
Temperature ramping rate
1 to 4°C/s
b
Pre-heating temperature
150 to 180°C
Pre-heating time
60 to 120s
c
Temperature ramp rate
1 to 4°C/s
d
220°C or higher time
shorter than 60s
e
230°C or higher time
shorter than 40s
f
Peak temperature
lower than 260°C
g
Temperature ramping rate
1 to 6°C/s
The temperature indicates at the surface of mold package.
180°C
230°C
a
b
c
e
g
150°C
260°C
Room
Temp.
f
220°C
d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com