Electronic Components Datasheet Search
  English  ▼

X  

NJM2749AM Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2749AM
Description  Low Offset, Low Drift Dual JFET Input Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2749AM Datasheet(HTML) 1 Page - New Japan Radio

  NJM2749AM Datasheet HTML 1Page - New Japan Radio NJM2749AM Datasheet HTML 2Page - New Japan Radio NJM2749AM Datasheet HTML 3Page - New Japan Radio NJM2749AM Datasheet HTML 4Page - New Japan Radio NJM2749AM Datasheet HTML 5Page - New Japan Radio NJM2749AM Datasheet HTML 6Page - New Japan Radio NJM2749AM Datasheet HTML 7Page - New Japan Radio NJM2749AM Datasheet HTML 8Page - New Japan Radio NJM2749AM Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
NJM2749/2749A
- 1 -
Ver.2017-07-31
Low Offset, Low Drift Dual JFET Input Operational Amplifier
■GENRRAL DESCRIPTION
■ PACKAGE OUTLINE
The NJM2749/2749A is a Precision dual JFET input operational
amplifier which includes low input offset voltage: 0.8mV (typ) / 2.5mV
(max) and 6µV/°C typical offset drift.
The NJM2749A is guaranteed 20µV/°C maximum offset drift to
perform a 100% tested.
The NJM2749/2749A have the following features: low bias current of
50pA (typ), high slew rate of 13V/µs (typ).
These features are suitable for signal processing amplifiers of
instrumentation, measurement and industrial applications such as
sensor amplifier, current sensing and sample-and-hold circuit.
■FEATURES
●Input Offset Voltage Drift
NJM2749: ∆VIO/∆T= 6µV/°C typ.
NJM2749A: ∆VIO/∆T=20µV/°C max.
●Input Offset Voltage
2.5mV max. @Ta=25°C ~ 85°C
3.5mV max. @Ta= -40°C
●Input Bias Current
IB= 50pA typ. 200pA max. @Ta=25°C
●Slew Rate
SR=13V/µs typ. @Ta=25°C
●Operating Voltage
Vopr= ±6.0V ~ ±16V
●Voltage Gain
Av=100dB typ.
●Bipolar Technology
●Dual channel
●Package Outline
NJM2749AD: DIP8
NJM2749M, NJM2749AM: DMP8
NJM2749E, NJM2749AE: EMP8
■PIN CONFIGURATION
NJM2749AD
NJM2749M / 2749AM
8
7
6
5
1
2
3
4
A
B
OUTPUT A
V
−
−INPUT A
+INPUT A
V
+
+INPUT B
OUTPUT B
−INPUT B
(Top View)
NJM2749/2749A
NJM2749E / 2749AE


Similar Part No. - NJM2749AM

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJM2749 NISSHINBO-NJM2749 Datasheet
458Kb / 12P
Low Offset, Low Drift Dual JFET Input Operational Amplifier
20250404
More results

Similar Description - NJM2749AM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF411 NSC-LF411 Datasheet
456Kb / 12P
Low Offset, Low Drift JFET Input Operational Amplifier
LF412 NSC-LF412 Datasheet
565Kb / 13P
Low Offset, Low Drift Dual JFET Input Operational Amplifier
logo
Texas Instruments
LF412JAN TI1-LF412JAN Datasheet
1Mb / 16P
LF412JAN Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF412 TI1-LF412 Datasheet
1Mb / 16P
LF412 Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF412QML TI1-LF412QML Datasheet
1Mb / 18P
LF412QML Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF412-N TI-LF412-N Datasheet
3Mb / 17P
LF412 Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF411-N TI1-LF411-N Datasheet
942Kb / 21P
Low Offset, Low Drift JFET Input Operational Amplifier
VLF411QML-SP TI1-VLF411QML-SP Datasheet
1Mb / 19P
Low Offset, Low Drift JFET Input Operational Amplifier
LF411JAN TI1-LF411JAN_16 Datasheet
1Mb / 18P
Low Offset, Low Drift JFET Input Operational Amplifier
LF412-N-MIL TI1-LF412-N-MIL Datasheet
3Mb / 22P
Low Offset, Low Drift Dual JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com