Electronic Components Datasheet Search
  English  ▼

X  

ORM Datasheet(PDF) 2 Page - Littelfuse

Part # ORM
Description  Dedicated - Delay-on-Make
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

ORM Datasheet(HTML) 2 Page - Littelfuse

  ORM Datasheet HTML 1Page - Littelfuse ORM Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Time Delay Relays
Dedicated - Delay-on-Make
www.littelfuse.com/orm
Rev: 1-A-062216
Specifications
Time Delay
Type
Analog circuitry
Range
0.05 - 300s in 5 adjustable ranges or fixed
Repeat Accuracy
±2% or 20ms, whichever is greater
Tolerance
Adjustable: guaranteed range
Fixed: ±10%
Recycle Time
After timing - ≤ 16ms;
During timing - 0.1% of max. time delay or
75ms, whichever is greater
Time Delay vs Temp.
& Voltage
≤ ±10%
Input
Voltage
24 or 110VDC; 24, 120, or 230VAC
Tolerance
24VDC/AC
-15% - 20%
110 to 230VAC/DC
-20% - 10%
AC Line Frequency
50/60 Hz
Power Consumption
2.25W
Output
Type
Electromechanical relay
Form
DPDT, Isolated
Rating
10A resistive @ 120/240VAC & 28VDC;
1/3 hp @ 120/240VAC
Life
Mechanical - 1x107; Electrical - 1x106
Protection
Polarity
DC units are reverse polarity protected
Isolation Voltage
≥1500V RMS input to output
Mechanical
Mounting
Surface mount with four #6 (M3.5 x 0.6) screws
Dimensions
H 53.8 mm (2.12”); W 93.7 mm (3.69”);
D 47.8 mm (1.88”)
Termination
0.25 in. (6.35 mm) male quick connect terminals
Environmental
Operating/Storage
Temperature
-20° to 65°C / -30° to 85°C
Weight
≅ 2.7 oz (77 g)
Selection Guide
ORM SERIES
Function Diagram
DELAY-ON-MAKE (ON-DELAY)
V = Voltage
NO = Normally
Open Contact
NC = Normally
Closed Contact
TD =Time Delay
R = Reset
= Undefined
Time



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com