Electronic Components Datasheet Search
  English  ▼

X  

3002902 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3002902
Description  Distribution block - PTFIX 18X1,5-G PK
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3002902 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3002902 Datasheet HTML 1Page - PHOENIX CONTACT 3002902 Datasheet HTML 2Page - PHOENIX CONTACT 3002902 Datasheet HTML 3Page - PHOENIX CONTACT 3002902 Datasheet HTML 4Page - PHOENIX CONTACT 3002902 Datasheet HTML 5Page - PHOENIX CONTACT 3002902 Datasheet HTML 6Page - PHOENIX CONTACT 3002902 Datasheet HTML 7Page - PHOENIX CONTACT 3002902 Datasheet HTML 8Page - PHOENIX CONTACT 3002902 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, bridged internally, nom. voltage: 450 V, nominal
current: 17.5 A, connection method: Push-in connection, cross section: 0.14 mm2 - 2.5 mm2,
mounting type: adhesive, color: pink
Your advantages
Space-saving, thanks to the compact design
•
Flexible use, thanks to DIN rail and direct mounting
•
Space-saving potential distribution, thanks to compact micro potential distributors
•
Convenient test options, thanks to test openings at every terminal point
•
Clear arrangement thanks to marking of all terminal points
•
Commercial Data
Item number
3002902
Packing unit
1 pc
Minimum order quantity
20 pc
Sales Key
B02
Product Key
BEA115
Catalog Page
Page 432 (C-1-2019)
GTIN
4055626433073
Weight per Piece (including packing)
17.21 g
Weight per Piece (excluding packing)
17.21 g
Customs tariff number
85369010
Country of origin
PL
Distribution block - PTFIX 18X1,5-G PK
3002902
https://www.phoenixcontact.com/us/products/3002902
Jul 21, 2022, 5:12 AM
Page 1 (18)


Similar Part No. - 3002902

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3002900 PHOENIX-3002900 Datasheet
431Kb / 19P
Distribution block - PTFIX 6X1,5-G PK
Jul 6, 2022
3002901 PHOENIX-3002901 Datasheet
440Kb / 18P
Distribution block - PTFIX 12X1,5-G PK
Jul 21, 2022
3002903 PHOENIX-3002903 Datasheet
436Kb / 18P
Distribution block - PTFIX 6X1,5-G OG
Jul 21, 2022
3002904 PHOENIX-3002904 Datasheet
442Kb / 18P
Distribution block - PTFIX 12X1,5-G OG
Jul 21, 2022
3002905 PHOENIX-3002905 Datasheet
442Kb / 18P
Distribution block - PTFIX 18X1,5-G OG
Jul 21, 2022
More results

Similar Description - 3002902

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3002886 PHOENIX-3002886 Datasheet
136Kb / 11P
Distribution block - PTFIX 18X1,5-G GN
09/12/2020
3002889 PHOENIX-3002889 Datasheet
437Kb / 19P
Distribution block - PTFIX 18X1,5-G BN
Jun 22, 2022
3002804 PHOENIX-3002804 Datasheet
436Kb / 19P
Distribution block - PTFIX 18X1,5-G GY
Jun 22, 2022
3002790 PHOENIX-3002790 Datasheet
500Kb / 21P
Distribution block - PTFIX 18X1,5 PK
Jul 6, 2022
3273411 PHOENIX-3273411 Datasheet
892Kb / 37P
Distribution block - PTFIX 6X2,5-G PK
Jun 22, 2022
3002892 PHOENIX-3002892 Datasheet
440Kb / 18P
Distribution block - PTFIX 18X1,5-G WH
Jul 21, 2022
3002901 PHOENIX-3002901 Datasheet
440Kb / 18P
Distribution block - PTFIX 12X1,5-G PK
Jul 21, 2022
1047428 PHOENIX-1047428 Datasheet
501Kb / 21P
Distribution block - PTFIX 4/18X1,5 PK
Nov 30, 2022
3002978 PHOENIX-3002978 Datasheet
443Kb / 19P
Distribution block - PTFIX 18X1,5-NS15A PK
Jul 21, 2022
3273433 PHOENIX-3273433 Datasheet
618Kb / 27P
Distribution block - PTFIX 12X2,5-G PK
Sep 8, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com