Electronic Components Datasheet Search
  English  ▼

X  

GL2501 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # GL2501
Description  IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GL2501 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  GL2501 Datasheet HTML 1Page - Pan Jit International Inc. GL2501 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
STAD-SEP.12.2004
FEATURES
• Plastic Case With Heatsink For Heat Dissipation.
• Surge Overload Ratings to 300 Amperes.
• The plastic package has Underwriters Laboratory Flammability Classification
94V-O
• Both normal and Pb free product are available :
Normal : 80~95% Sn, 5~20% Pb
Pb free: 98.5% Sn above
MECHANICALDATA
Case: Molded plastic with heatsink integrally mounted in birdge encapsulation.
Weight: 1.0 ounce, 30 gram
Terminals: Wire Lead
φ 50 mils
Mounting Position: Any
GL1500~GL1508
IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIER
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, Resistive or inductive load.
For capacitive load, derate current by 20%
DATA SHEET
GL
Unit: inch (mm)
1.130(28.7)
.442(11.23)
.142(3.60)
1.118(28.4)
.431(10.97)
.120(3.06)
.47(1.2)
.20(5.08)MIN.
VOLTAGE
50 to 800 Volts
15 Amperes
CURRENT
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S0
0
5
1
L
G1
0
5
1
L
G2
0
5
1
L
G4
0
5
1
L
G6
0
5
1
L
G8
0
5
1
L
GS
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
M
V RRM
0
50
0
10
0
20
0
40
0
60
0
8V
e
g
a
t
l
o
V
t
u
p
n
I
e
g
d
i
r
B
S
M
R
m
u
m
i
x
a
M
V RMS
5
30
70
4
10
8
20
2
40
6
5V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
V DC
0
50
0
10
0
20
0
40
0
60
0
8V
d
a
o
l
e
v
i
t
i
c
a
p
a
C
,
e
g
a
t
l
o
V
t
u
p
t
u
O
C
D
0
32
64
2
10
5
20
8
35
0
5V
d
a
o
l
e
v
i
t
s
i
s
e
R
,
e
g
a
t
l
o
V
t
u
p
t
u
O
C
D
0
50
0
10
0
20
0
40
0
60
0
8V
t
a
d
a
o
L
e
v
i
t
s
i
s
e
R
r
o
F
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
TC
5
5
=
OC
IAV
5
1A
d
a
o
L
d
e
t
a
R
t
a
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
e
v
i
t
i
t
e
p
e
r
-
n
o
N
IFSM
0
0
3A
A
5
.
7
t
a
t
n
e
m
e
l
E
e
g
d
i
r
B
r
e
p
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
t
n
e
r
r
u
C
d
e
i
f
i
c
e
p
S
V F
1
.
1V
T
@
d
e
t
a
R
t
a
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
R
m
u
m
i
x
a
M
A
5
2
=
OC
T
@
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
c
D
A
0
0
1
=
OC
IR
0
1
0
0
0
1
A
u
I2
)
s
m
5
3
.
8
<
t
(
g
n
i
s
u
f
r
o
f
g
n
i
t
a
R
t
I2t4
7
3A 2
c
e
s
g
e
l
r
e
p
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
T
R
θ C
J0
.
2
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
g
n
i
t
a
r
e
p
O
TJ,TA
0
5
1
+
o
t
5
5
-
OC
Recongnized File #E111753


Similar Part No. - GL2501

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
GL2501 TRSYS-GL2501 Datasheet
155Kb / 2P
IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes)
logo
Pan Jit International I...
GL2501 PANJIT-GL2501 Datasheet
432Kb / 2P
IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIER
More results

Similar Description - GL2501

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CM1000 PANJIT-CM1000 Datasheet
65Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 10 to 35 Amperes)
CM1500 PANJIT-CM1500 Datasheet
36Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 1000 Volts CURRENT - 15 Amperes)
CM1500W PANJIT-CM1500W Datasheet
40Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 1000 Volts CURRENT - 15 Amperes)
CP2500 PANJIT-CP2500 Datasheet
68Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes)
GBPC15005 PANJIT-GBPC15005 Datasheet
39Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 15 Amperes)
GBPC15005W PANJIT-GBPC15005W Datasheet
42Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 15 Amperes)
GBPC25005 PANJIT-GBPC25005 Datasheet
38Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 25 Amperes)
GBPC35005 PANJIT-GBPC35005 Datasheet
38Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 35 Amperes)
GBPC35005W PANJIT-GBPC35005W Datasheet
40Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 35 Amperes)
logo
Transys Electronics
GL1500 TRSYS-GL1500 Datasheet
155Kb / 2P
IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com