Electronic Components Datasheet Search
  English  ▼

X  

1930000002 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # 1930000002
Description  Embedded Mini-ITX Chassis with One Expansion Slot
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

1930000002 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  1930000002 Datasheet HTML 1Page - Advantech Co., Ltd. 1930000002 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Motherboards & Systems
Features
RoHS
COMPLIANT
2002/95/EC
Standard 7
ƒ
Note: CE (No RED certification)
Front View
Rear View
Internal View
EPC-B2275
Embedded Mini-ITX Chassis with
One Expansion Slot
ƒ
Supports Intel® 7th & 6th Gen Core™ i processor (LGA1151) with Intel Q170
ƒ
Two 260-pin SO-DIMM up to 32GB DDR4 2133 MHz SDRAM
ƒ
Supports triple display of VGA/DP/HDMI
ƒ
One expansion slot (low profile)
ƒ
Reserved 4 USB, 1 COM, punchouts on front panel
ƒ
Two Shock Resistant 2.5" drive bays
ƒ
Two SKUs, to support both ATX power supply & AC-DC power adaptor
Specifications
Model Name
EPC-B2000
EPC-B2000
Order Number
AIMB-B2275SG-15ZE
AIMB-B2275SG-00YE
Drive Bay
Slim Optical Disk Drive and HDD
2.5" HDD*2 or 2.5" HDD*1 + slim ODD*1
2.5" HDD*2 or 2.5" HDD*1 + slim ODD*1
Cooling
Fan
2 (7cm/39.45CFM each) / 1 CPU Cooler
1 (7cm/39.45CFM) / 1 CPU Cooler
System Spec
CPU
i7-7700/
7700T
i7-6700/
i7-6700TE
i5-7500/
i5-7500T
i5-6500/
i5-6500TE
i3-7101/
i3-7101TE
i3-6100/
i3-6100TE
Pentium
G4400
Pentium
G4400TE
Celeron
G3900
Celeron
G3900TE
Core Number
4/4
4/4
4/4
4/4
2/2
2/2
2
2
2
2
Max Speed
3.6GHz/
2.9GHz
3.4GHz/
2.4GHz
3.4GHz/
2.7GHz
3.2GHz/
2.3GHz
3.9GHz/
3.4GHz
3.7GHz/
2.7GHz
3.3G
2.4G
2.8G
2.6G
TDP
65W/35W
65W/35W
65W/35W
65W/35W
54W/35W
51W/35W
54W
35W
51W
35W
Memory
Two 260-pin SO-DIMM up to 32GB DDR4 2133 MHz SDRAM
Front IO
USB
4 (Optional)
4 (Optional)
Serial
1 (Optional)
1 (Optional)
WLAN Antenna
2 (Optional)
2 (Optional)
Miscellaneous
Power and HDD LED x1 , RST Button x1, Power Switch x1
Rear IO
CRT
1
1
HDMI
1 (HDMI 2.0 or HDMI 1.2)
1 (HDMI 2.0 or HDMI 1.2)
Display Port 1.2
1
1
Ethernet
2
2
USB
4 (USB 3.0)
4 (USB 3.0)
Audio
3 (Mic in, Line out, Line in)
3 (Mic in, Line out, Line in)
Serial
1 (RS232, supports 5V/12V)
1 (RS232, supports 5V/12V)
Phoenix Connector
0
1
AC Power Input
1 (100~240V AC input)
0
Expansion slot
1 (low profile)
1 (low profile)
Environment
Operating Temperature
0 ~ 40 °C (32 ~ 104 °F)
0 ~ 40 °C (32 ~ 104 °F)
Non-operating Temperature
-20 ~ 60 °C (-4 ~ 140 °F)
-20 ~ 60 °C (-4 ~ 140 °F)
Humidity
10 ~ 85% @ 40 °C, non-condensing
10 ~ 85% @ 40 °C, non-condensing
Vibration (5 ~ 500 Hz)
1 Grms (HDD*1+ODD*1); 0.5 Grms (HDD*2)
1 Grms (HDD*1+ODD*1); 0.5 Grms (HDD*2)
Shock
10G (with 11ms duration, half sine wave)
10G (with 11ms duration, half sine wave)
Certification
CE/FCC/CCC
CE/FCC/CCC
Physical Characteristics
Dimensions (W x H x D)
250 x 98 x 255 mm (9.84" x 3.86" x 10.04")
250 x 98 x 255 mm (9.84" x 3.86" x 10.04")
Weight
3.8 kg
3.1 kg
* Top drive bay supports max. 12.5mm height HDD or slim ODD; Bottom drive bay supports max. 9.5mm height HDD.
All product specifications are subject to change without notice.
Last updated: 19-Jan-2021


Similar Part No. - 1930000002

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
1930000002 ADVANTECH-1930000002 Datasheet
923Kb / 2P
Embedded Mini-ITX Chassis
1930000002 ADVANTECH-1930000002 Datasheet
923Kb / 2P
Embedded Mini-ITX Chassis
1930000002 ADVANTECH-1930000002 Datasheet
924Kb / 2P
Embedded Mini-ITX Chassis
1930000002 ADVANTECH-1930000002 Datasheet
1Mb / 2P
Embedded Mini-ITX Chassis with One Expansion Slot
19-Jan-2021
More results

Similar Description - 1930000002

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-6622 ADVANTECH-ARK-6622 Datasheet
555Kb / 2P
Compact Embedded Mini-ITX Chassis with One Expansion Slot
ARK-6622 ADVANTECH-ARK-6622_12 Datasheet
2Mb / 2P
Compact Embedded Mini-ITX Chassis with One Expansion Slot
AIMB-B2000 ADVANTECH-AIMB-B2000 Datasheet
934Kb / 2P
Embedded Mini-ITX Chassis with One Expansion Slot
EPC-B2000 ADVANTECH-EPC-B2000 Datasheet
1Mb / 2P
Embedded Mini-ITX Chassis with One Expansion Slot
AIMB-B2242 ADVANTECH-AIMB-B2242 Datasheet
923Kb / 2P
Embedded Mini-ITX Chassis
EPC-B2000 ADVANTECH-EPC-B2000_V01 Datasheet
1Mb / 2P
Embedded Mini-ITX Chassis with One Expansion Slot
26-Apr-2016
AIMB-B2205 ADVANTECH-AIMB-B2205 Datasheet
1Mb / 2P
Embedded Mini-ITX Chassis with One Expansion Slot
4-Dec-2017
EPC-B2205 ADVANTECH-EPC-B2205 Datasheet
1Mb / 2P
Embedded Mini-ITX Chassis with One Expansion Slot
19-Jan-2021
EPC-T3229 ADVANTECH-EPC-T3229 Datasheet
457Kb / 2P
1U thin Mini-ITX Chassis with One Expansion Slot
2-Sep-2022
EPC-T3285 ADVANTECH-EPC-T3285 Datasheet
880Kb / 2P
1U thin Mini-ITX Chassis with One Expansion Slot
19-Jan-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com